Electronic Components Datasheet Search
  English  ▼

X  

STZ8039 Datasheet(PDF) 4 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # STZ8039
Description  Silicon Planar Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

STZ8039 Datasheet(HTML) 4 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  STZ8039 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. STZ8039 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. STZ8039 Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd. STZ8039 Datasheet HTML 4Page - Shenzhen Jin Yu Semiconductor Co., Ltd. STZ8039 Datasheet HTML 5Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Type
Marking
Code
Zener Voltage Range
1)
Dynamic Impedance
Reverse Leakage
Current
Temp. coefficient of
Zener Voltage
lZT for
VZ
ZZT
ZZK
at IZK
IR
at VR
SZ (mV/OC)
Typ. at IZT
mA
V
Ω (Max.)
Ω (Max.)
mA
μA (Max.)
V
STZ8240
2N
5
22.8…25.6
100
120
0.5
0.1
19
20.4
STZ8240A
4Y1
22.8…23.97
STZ8240B
FC
23.5…24.7
STZ8240C
5A1
24.35…25.6
STZ8270
2P
2
25.1…28.9
120
120
0.5
0.1
21
23.4
STZ8270A
5C1
25.3…26.7
STZ8270B
FD
26.3…27.7
STZ8270C
5E1
27.3…28.7
STZ8300
2R
2
28…32
160
160
0.5
0.1
23
26.6
STZ8300A
5G1
28.3…29.7
STZ8300B
FE
29.3…30.8
STZ8300C
5J1
30.2…31.8
STZ8330
2X
2
31…35
200
200
0.5
0.1
25
29.7
STZ8330A
5L1
31.2…32.8
STZ8330B
8X
32.2…33.8
STZ8330C
5N1
33.2…34.9
STZ8360
2Y
2
34…38
250
250
0.5
0.1
27
33
STZ8360A
5Q1
34.1…35.9
STZ8360B
8Y
35.1…36.9
STZ8360C
5S1
36.1…37.9
STZ8390
2Z
2
37…41
300
300
0.5
2
30
35.6
STZ8390A
5U1
37.1…39
STZ8390B
FJ
38…40
STZ8390C
5X1
39…41
1) VZ is tested with pulses (20 ms).
Ambient Temperature: Ta ( C)
O
0
25
100
150
0
100
200
300
Derating Curve
STZ8000 Series
4
Date:2011/05
www.htsemi.com
semiconductor
JinYu



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com