Electronic Components Datasheet Search
  English  ▼

X  

CS5467 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS5467
Description  Four-channel Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5467 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS5467 Datasheet HTML 11Page - Cirrus Logic CS5467 Datasheet HTML 12Page - Cirrus Logic CS5467 Datasheet HTML 13Page - Cirrus Logic CS5467 Datasheet HTML 14Page - Cirrus Logic CS5467 Datasheet HTML 15Page - Cirrus Logic CS5467 Datasheet HTML 16Page - Cirrus Logic CS5467 Datasheet HTML 17Page - Cirrus Logic CS5467 Datasheet HTML 18Page - Cirrus Logic CS5467 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
CS5467
DS714F3
15
4.4 DC Offset and Gain Correction
The system and chip inherently have gain and offset er-
rors which can be removed using the gain and offset
registers. (See Section 9. System Calibration on page
40). Each measurement channel has its own registers.
For every channel, the output of the IIR filter is added to
the offset register and multiplied by the gain register.
4.5 High-pass Filters
Optional high-pass filters (HPF in Figures 3 and 4) re-
move any DC from the selected signal paths. Subse-
quently, DC will also be removed from power, and all
low-rate results. (see Figures 5).
Each energy channel has a current and voltage path. If
an HPF is enabled in only one path, a phase-matching
filter (PMF) is applied to the other path which matches
the amplitude and phase delay of the HPF in the band
of interest, but passes DC. For more information, see
6.5 High-pass Filters on page 20. The HPF filter multi-
plexers drive the I1, V1, I2, and V2 result registers.
4.6 Low-Rate Calculations
Low-rate results are derived from sample-rate results
integrated over N samples, where N is the value stored
in the Cycle Count register. The low-rate interval is the
sample interval multiplied by N.
4.7 RMS Results
The root mean square (RMS in Figure 5) calculations
are performed on N instantaneous voltage and current
samples, using the formula:
I
RMS
I
n
n0
=
N1
–
N
---------------------
=
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com