Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G74DP Datasheet(PDF) 17 Page - NXP Semiconductors

Part # 74LVC1G74DP
Description  Single D-type flip-flop with set and reset; positive edge trigger
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G74DP Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button 74LVC1G74DP Datasheet HTML 13Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 14Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 15Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 16Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 17Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 18Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 19Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 20Page - NXP Semiconductors 74LVC1G74DP Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
74LVC1G74
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 10 — 2 December 2011
17 of 25
NXP Semiconductors
74LVC1G74
Single D-type flip-flop with set and reset; positive edge trigger
Fig 14. Package outline SOT1089 (XSON8)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1089
MO-252
sot1089_po
10-04-09
10-04-12
Unit
mm
max
nom
min
0.5
0.04
1.40
1.35
1.30
1.05
1.00
0.95
0.55
0.35
0.35
0.30
0.27
A(1)
Dimensions
Note
1. Including plating thickness.
2. Visible depending upon used manufacturing technology.
XSON8: extremely thin small outline package; no leads;
8 terminals; body 1.35 x 1 x 0.5 mm
SOT1089
A1
bL1
0.40
0.35
0.32
0.20
0.15
0.12
DE
e
e1
L
0
0.5
1 mm
scale
terminal 1
index area
E
D
detail X
A
A1
L
L1
b
e1
e
terminal 1
index area
1
4
8
5
(4
×)(2)
(8
×)(2)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com