Electronic Components Datasheet Search
  English  ▼

X  

45LR10 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 45LR10
Description  Standard Recovery Diodes (Stud Version), 150 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

45LR10 Datasheet(HTML) 5 Page - Vishay Siliconix

  45LR10 Datasheet HTML 1Page - Vishay Siliconix 45LR10 Datasheet HTML 2Page - Vishay Siliconix 45LR10 Datasheet HTML 3Page - Vishay Siliconix 45LR10 Datasheet HTML 4Page - Vishay Siliconix 45LR10 Datasheet HTML 5Page - Vishay Siliconix 45LR10 Datasheet HTML 6Page - Vishay Siliconix 45LR10 Datasheet HTML 7Page - Vishay Siliconix 45LR10 Datasheet HTML 8Page - Vishay Siliconix 45LR10 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 93489
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 21-May-08
5
45L(R), 150K(R), 150KS(R) Series
Standard Recovery Diodes
(Stud Version), 150 A
Vishay High Power Products
Fig. 8 - Thermal Impedance ZthJC Characteristics
ORDERING INFORMATION TABLES
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Steady State Value
R
= 0.25 K7W
(DC Operation)
45L..., 150... Series
thJC
Device code
2
5
1
3
4
15
0
K
R
60
A
6
1
-
15 = Essential part number
2
-
0 = Standard device
3
-
Case style:
K = DO-205AA (DO-8)
KS = B-42
4
-
R = Stud reverse polarity (anode to stud)
None = Stud normal polarity (cathode to stud)
5
-
Voltage code x 10 = VRRM (see Voltage Ratings table)
6
-
A = Essential part number for 150K (omitted for 150KS)
Note: For metric device M12 x 1.75 contact factory
Device code
2
1
3
4
45
L
R
60
1
-
45 = Standard version
2
-
L = Essential part number
3
-
R = Stud reverse polarity (anode to stud)
None = Stud normal polarity (cathode to stud)
4
-
Voltage code x 10 = VRRM (see Voltage Ratings table)
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95314



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com