Electronic Components Datasheet Search
  English  ▼

X  

2SB817 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # 2SB817
Description  Complementary Silicon Power Ttransistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

2SB817 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  2SB817 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
160
V
Collector-Emitter Voltage
VCEO
140
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current
IC
12
A
Base Current
IB
1.2
A
Total Dissipation at
Ptot
100
W
Max. Operating Junction Temperature
Tj
150
oC
Storage Temperature
Tstg
-55~150
oC
2SD1047 / 2SB817
DESCRIPTION
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Collector Cut-off Current
ICEO
VCB=140V, IE=0
—
—
10
uA
Emitter Cut-off Current
IEBO
VEB=6V, IC=0
—
—
10
uA
Collector-Emitter Sustaining Voltage
VCEO
IC=30mA, IB=0
140
—
—
V
DC Current Gain
hFE1
VCE=5.0V, IC=1.0A
60
—
200
hFE2
VCE=5.0V, IC=6.0A
20
—
—
Collector-Emitter Saturation Voltage
VCE(sat)
IC=5.0A,IB=0.5A
—
—
2.5
V
Base-Emitter Voltage
VBE
VCE=5.0V,IC=1.0A
—
—
1.5
V
Current Gain Bandwidth Product
fT
VCE=5.0V,IC=1.0A
—
15
—
MHz
Collector Output Capacitance
COB
VCB=-10V, IE=0, f=1MHz
300
pF
Complementary Silicon Power Ttransistors
Product specification
It is intented for use in power
amplifier and switching applications.
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS ( Ta = 25 C)
O
( Ta = 25 C)
O
TO-3PN
Note : hfe1 Classification D: 60~120, E: 100~200
TIGER ELECTRONIC CO.,LTD


Similar Part No. - 2SB817

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SB817 MOSPEC-2SB817 Datasheet
123Kb / 3P
POWER TRANSISTORS(12A,140V,100W)
logo
Wing Shing Computer Com...
2SB817 WINGS-2SB817 Datasheet
48Kb / 1P
PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Sanyo Semicon Device
2SB817 SANYO-2SB817 Datasheet
116Kb / 4P
140V/12A, AF 60W Output Applications??????
logo
Savantic, Inc.
2SB817 SAVANTIC-2SB817 Datasheet
186Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB817 JMNIC-2SB817 Datasheet
204Kb / 4P
Silicon PNP Power Transistors
More results

Similar Description - 2SB817

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
2SB546A TGS-2SB546A Datasheet
132Kb / 1P
Complementary Silicon Power Ttransistors
BD139 TGS-BD139 Datasheet
59Kb / 1P
Complementary Silicon Power Ttransistors
BDX53C TGS-BDX53C Datasheet
72Kb / 1P
Complementary Silicon Power Darlington Ttransistors
BDX53F TGS-BDX53F Datasheet
72Kb / 1P
Complementary Silicon Power Darlington Ttransistors
MJE3055T TGS-MJE3055T Datasheet
93Kb / 1P
Complementary Silicon Power Ttransistors
TIP31C TGS-TIP31C Datasheet
85Kb / 1P
Complementary Silicon Power Ttransistors
TIP41C TGS-TIP41C Datasheet
89Kb / 1P
Complementary Silicon Power Ttransistors
BDX53F-E TGS-BDX53F-E Datasheet
66Kb / 1P
Complementary Silicon Power Darlington Ttransistors
MJD31C TGS-MJD31C Datasheet
358Kb / 1P
Complementary Silicon Power Ttransistors
MJD41C TGS-MJD41C Datasheet
368Kb / 1P
Complementary Silicon Power Ttransistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com