Electronic Components Datasheet Search
  English  ▼

X  

BAS16WS-V Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAS16WS-V
Description  Small Signal Fast Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS16WS-V Datasheet(HTML) 2 Page - Vishay Siliconix

  BAS16WS-V Datasheet HTML 1Page - Vishay Siliconix BAS16WS-V Datasheet HTML 2Page - Vishay Siliconix BAS16WS-V Datasheet HTML 3Page - Vishay Siliconix BAS16WS-V Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
2
Document Number 85752
Rev. 1.7, 12-Aug-10
BAS16WS-V
Vishay Semiconductors
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
IF = 1 mA
VF
715
mV
IF = 10 mA
VF
855
mV
IF = 50 mA
VF
1000
mV
IF = 150 mA
VF
1250
mV
Leakage current
VR = 25 V, TJ = 150 °C
IR
30
µA
VR = 75 V
IR
1µA
VR = 75 V, TJ = 150 °C
IR
50
µA
Diode capacitance
VR = 0; f = 1 MHz
CD
2pF
Reverse recovery time
IF = 10 mA to IR = 10 mA,
IR = 1 mA, RL = 100 Ω
trr
6ns
Figure 1. Forward Characteristics
Figure 2. Dynamic Forward Resistance vs. Forward Current
18105
VF (V)
T
j = 100 °C
T
j = 25 °C
10- 2
10- 1
102
103
1
10
12
0
17438
f = 1 kHz
T
j = 25 °C
IF (mA)
10
102
103
104
10-2
10-1
1102
10
2
5
2
5
2
5
2
5
Figure 3. Admissible Power Dissipation vs. Ambient Temperature
Figure 4. Relative Capacitance vs. Reverse Voltage
18185
Tamb (°C)
0
100
400
500
200
300
100
200
0
17440
VR (V)
0.7
0.8
0.9
1.0
1.1
f = 1 MHz
T
j = 25 °C
2
0
8
6
410



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com