Electronic Components Datasheet Search
  English  ▼

X  

BAS19-V Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAS19-V
Description  Small Signal Switching Diodes, High Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS19-V Datasheet(HTML) 2 Page - Vishay Siliconix

  BAS19-V Datasheet HTML 1Page - Vishay Siliconix BAS19-V Datasheet HTML 2Page - Vishay Siliconix BAS19-V Datasheet HTML 3Page - Vishay Siliconix BAS19-V Datasheet HTML 4Page - Vishay Siliconix BAS19-V Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85540
Rev. 1.7, 10-Nov-10
BAS19-V, BAS20-V, BAS21-V
Vishay Semiconductors
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1) Measured under pulse conditions; Pulse time = T
p ≤ 0.3 ms
2) Device on fiberglass substrate, see layout on next page
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) Device on fiberglass substrate, see layout on next page
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Part
Symbol
Value
Unit
Continuous reverse voltage
BAS19-V
VR
100
V
BAS20-V
VR
150
V
BAS21-V
VR
200
V
Repetitive peak reverse voltage
BAS19-V
VRRM
120
V
BAS20-V
VRRM
200
V
BAS21-V
VRRM
250
V
Non-repetitive peak forward
current
t = 1 µs
IFSM
2.5
A
Non-repetitive peak forward
surge current
t = 1 s
IFSM
0.5
A
Maximum average forward
rectified current
(av. over any 20 ms period)
IF(AV)
200 1)
mA
DC forward current
IF
200 2)
mA
Repetitive peak forward current
IFRM
625
mA
Power dissipation
Ptot
250 2)
mW
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
RthJA
430 1)
°C
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 65 to + 150
°C
Parameter
Test condition
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
IF = 100 mA
VF
1.0
V
IF = 200 mA
VF
1.25
V
Leakage current
VR = VRmax.
IR
100
nA
VR = VRmax., Tj = 150 °C
IR
100
μA
Dynamic forward resistance
IF = 10 mA
rf
5
Ω
Diode capacitance
VR = 0, f = 1 MHz
Ctot
5pF
Reverse recovery time
IF = IR = 30 mA, RL = 100 Ω,
Irr = 3 mA
trr
50
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com