Electronic Components Datasheet Search
  English  ▼

X  

LL4148 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LL4148
Description  Small Signal Fast Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LL4148 Datasheet(HTML) 1 Page - Vishay Siliconix

  LL4148 Datasheet HTML 1Page - Vishay Siliconix LL4148 Datasheet HTML 2Page - Vishay Siliconix LL4148 Datasheet HTML 3Page - Vishay Siliconix LL4148 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LL4148, LL4448
Document Number 85557
Rev. 1.9, 01-Sep-10
Vishay Semiconductors
www.vishay.com
1
94 9371
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Small Signal Fast Switching Diodes
Features
• Silicon epitaxial planar diodes
• Electrical data identical with the devices
1N4148 and 1N4448 respectively
• AEC-Q101 qualified
• Compliant to RoHS directive 2002/95/EC
and in accordance to WEEE 2002/96/EC
Applications
• Extreme fast switches
Mechanical Data
Case: MiniMELF SOD-80
Weight: approx. 31 mg
Cathode band color: black
Packaging codes/options:
GS18/10K per 13" reel (8 mm tape), 10K/box
GS08/2.5K per 7" reel (8 mm tape), 12.5K/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Note
1) Valid provided that electrodes are kept at ambient temperature
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Note
1) Valid provided that electrodes are kept at ambient temperature
Part
Type differentiation
Ordering code
Marking code
Remarks
LL4148
VRRM = 100 V,
VF = max. 1000 mV at IF = 50 mA
LL4148-GS18 or
LL4148-GS08
-
Tape and reel
LL4448
VRRM = 100 V,
VF = max. 1000 mV at IF = 100 mA
LL4448-GS18 or
LL4448-GS08
-
Tape and reel
Parameter
Test condition
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
100
V
Reverse voltage
VR
75
V
Peak forward surge current
tp = 1 µs
IFSM
2A
Repetitive peak forward current
IFRM
500
mA
Forward continuous current
IF
300
mA
Average forward current
VR = 0
IFAV
150
mA
Power dissipation
Ptot
500 1)
mW
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
RthJA
300 1)
K/W
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
- 65 to + 175
°C


Similar Part No. - LL4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4148 VISHAY-LL4148 Datasheet
292Kb / 5P
Small Signal Fast Switching Diodes
24-Mar-06
logo
Won-Top Electronics
LL4148 WTE-LL4148 Datasheet
32Kb / 3P
FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Semtech Corporation
LL4148 SEMTECH-LL4148 Datasheet
219Kb / 4P
Silicon Expitaxial Planar Diode
logo
Shanghai Lunsure Electr...
LL4148 CHENYI-LL4148 Datasheet
162Kb / 3P
SMALL SIGNAL SWITCHING DIODE
More results

Similar Description - LL4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4148 VISHAY-LL4148 Datasheet
292Kb / 5P
Small Signal Fast Switching Diodes
24-Mar-06
1N4150 VISHAY-1N4150_07 Datasheet
113Kb / 4P
Small Signal Fast Switching Diodes
16-Feb-07
1N4148 VISHAY-1N4148_12 Datasheet
109Kb / 4P
Small Signal Fast Switching Diodes
29-Oct-10
LL4148-M VISHAY-LL4148-M Datasheet
61Kb / 4P
Small Signal Fast Switching Diodes
01-Sep-10
1N4448 VISHAY-1N4448_15 Datasheet
83Kb / 5P
Small Signal Fast Switching Diodes
06-May-13
logo
First Silicon Co., Ltd
1N4148WT FS-1N4148WT Datasheet
505Kb / 3P
Small-Signal Fast Switching Diodes
logo
Shenzhen Luguang Electr...
BAS16W LUGUANG-BAS16W_V01 Datasheet
1Mb / 3P
Small-Signal Fast Switching Diodes
logo
Vishay Siliconix
1N4151 VISHAY-1N4151_V01 Datasheet
80Kb / 4P
Small Signal Fast Switching Diodes
24-Feb-2020
1N4448 VISHAY-1N4448_V01 Datasheet
80Kb / 4P
Small Signal Fast Switching Diodes
24-Feb-2020
MCL4148 VISHAY-MCL4148_V01 Datasheet
91Kb / 4P
Small Signal Fast Switching Diodes
25-Feb-2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com