Electronic Components Datasheet Search
  English  ▼

X  

24C02 Datasheet(PDF) 5 Page - Tiger Electronic Co.,Ltd

Part # 24C02
Description  Two-wire Serial EEPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

24C02 Datasheet(HTML) 5 Page - Tiger Electronic Co.,Ltd

  24C02 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 24C02 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd 24C02 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd 24C02 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd 24C02 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd 24C02 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd 24C02 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd 24C02 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd 24C02 Datasheet HTML 9Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
24C02/04/08/16
5
Device Addressing
The 2K, 4K, 8K and 16K EEPROM devices all require an 8-bit device address word following a start
condition to enable the chip for a read or write operation (see to Figure 4 on page 7).
The device address word consists of a mandatory "1", "0" sequence for the first four most significant bits
as shown. This is common to all the Serial EEPROM devices.
The next 3 bits are the A2, A1 and A0 device address bits for the 2K EEPROM. These 3 bits must
compare to their corresponding hardwired input pins.
The 4K EEPROM only uses the A2 and A1 device address bits with the third bit being a memory page
address bit. The two device address bits must compare to their corresponding hardwired input pins. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com