Electronic Components Datasheet Search
  English  ▼

X  

DTC143XKA Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # DTC143XKA
Description  Digital transistors (built-in resistors)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

DTC143XKA Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  DTC143XKA Datasheet HTML 1Page - Tiger Electronic Co.,Ltd DTC143XKA Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Digital transistors (built-in resistors)
DTC143XM/DTC143XE/DTC143XUA
/DTC143XCA/DTC143XKA/DTC143XSA
DIGITAL TRANSISTOR (NPN)
Features
1) Built-in bias resistors enable the configuration of an inverter circuit without
connecting external input resistors (see equivalent circuit).
2) The bias resistors consist of thin-film resistors with complete isolation to
allow negative biasing of the input. They also have the advantage of
almost completely eliminating parasitic effects.
3) Only the on/off conditions need to be set for operation, making device
design easy.
PIN CONNENCTIONS AND MARKING
SOT-523
SOT-323
TO-92S
SOT-23
SOT-23-3L
DTC143XE
DTC143XUA
DTA114ECA
DTC143XCA
DTC143XKA
DTC143XSA
Addreviated symbol: 43
Addreviated symbol: 43
Addreviated symbol: 43
Addreviated symbol: 43
SOT-
723
DTA114ECA
DTC143X
M
Addreviated symbol: 43
TIGER ELECTRONIC CO.,LTD


Similar Part No. - DTC143XKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143XKA ROHM-DTC143XKA Datasheet
89Kb / 4P
Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC143XKA SECOS-DTC143XKA Datasheet
200Kb / 2P
NPN Digital Transistors (Built-in Resistors)
logo
Rohm
DTC143XKA ROHM-DTC143XKA Datasheet
148Kb / 3P
100mA / 50V Digital transistors (with built-in resistors)
logo
Rectron Semiconductor
DTC143XKA RECTRON-DTC143XKA Datasheet
354Kb / 3P
SOT-23-3L DIGITAL TRANSISTORS TRANSISTOR (NPN)
logo
Rohm
DTC143XKA ROHM-DTC143XKA Datasheet
1Mb / 11P
NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTC143XKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA113ZE ROHM-DTA113ZE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTA123EE ROHM-DTA123EE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTA123YE ROHM-DTA123YE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTB123YK ROHM-DTB123YK Datasheet
65Kb / 3P
Digital transistors (built-in resistors)
DTB133HK ROHM-DTB133HK Datasheet
53Kb / 1P
Digital transistors (built-in resistors)
DTC143ZE ROHM-DTC143ZE Datasheet
71Kb / 3P
Digital transistors (built-in resistors)
DTC363EU ROHM-DTC363EU Datasheet
105Kb / 4P
Digital transistors (built-in resistors)
DTD114EK ROHM-DTD114EK Datasheet
60Kb / 2P
Digital transistors (built-in resistors)
DTA123EM ROHM-DTA123EM Datasheet
88Kb / 4P
Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC143ZE SECOS-DTC143ZE Datasheet
205Kb / 2P
Digital Transistors (Built-in Resistors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com