Electronic Components Datasheet Search
  English  ▼

X  

SB220 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # SB220
Description  1.5AMP PLASTIC SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

SB220 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  SB220 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd SB220 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
150
0.5
0.70
0.65
0.55
A
60.0
35
42
20
30
40
50
14
21
℃/W
℃
mA
pF
15.0
20
28
60
UNITS
2.0
A
V
V
V
SB260
20
30
40
GIANTION ELECTRONICS
Tj
TSTG
NOTE:
1. Measured at 1.0MHZ and applied reverse voltage of 4.0V DC
2. Thermal resistance junction to Ambient at 9.5mm lead length,P.C.B.mounted
Operating Junction Temperature Range
Storage Temperature Range
℃
55 to 150
55 to 125
Typical Thermal Resistance ( Note 2 )
RQJA
Maximum Forward Voltage at 1.5A DC
VF
Maximum Reverse Current
Tj = 25℃
at Rated DC Blocking Voltage Tj = 100℃
IR
Typical Junction Capacitance ( Note 1 )
Cj
Peak Forward Surge Current
8.3ms Single half-sine-wave superimposed
on rated load
IFSM
Maximum Average Forward Rectified
Current 9.5mm Lead Length. TA = 75℃
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ℃ ambient temperature unless otherwise specified.
Single phase. half wave. 60HZ. resistive or inductive load. For capacitive load. derate current by 20%
I(AV)
Maximum RMS Voltage
VRMS
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum DC Blocking Voltage
VDC
. High current capability
. Terminals: Axial leads. Solderable per MIL - STD - 202.
Method 208
. Mounting position: Any
inch ( mm )
1.0 ( 25.4 )
. Case: JEDEC DO-15. molded plastic
V
SYMBOL
φ 0.140( 3.6 )
φ 0.104 ( 2.6 )
0.30(7.6)
0.23(5.8)
1.0 ( 25.4 )
φ 0.034 ( 0.9 )
1.5AMP PLASTIC SILICON RECTIFIERS
SB220 THRU SB260
. The plastic material carries U/L recognition 94V-O
φ 0.028 ( 0.71 )
VOLTAGE RANGE: 20 to 60 VOLTS
DO-15
. Low forward voltage drop
. Easily cleaned with Freon. Alcohol. Lsopropanol and similar
solvents
. Polarity: Color band denotes cathode
. Weight: 0.072 ounce. 2.05 grams
MECHANICAL DATA
FEATURES
. Low cost
. Diffused junction
. Low Leakage
50
60
SB220
SB230
SB240
SB250
TIGER ELECTRONIC CO.,LTD


Similar Part No. - SB220

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB220 PANJIT-SB220 Datasheet
41Kb / 2P
2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Transys Electronics
SB220 TRSYS-SB220 Datasheet
157Kb / 2P
2 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB220 WTE-SB220 Datasheet
49Kb / 3P
2.0A SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SB220 ZOWIE-SB220 Datasheet
45Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SB220 EIC-SB220 Datasheet
29Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
More results

Similar Description - SB220

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
1N5391J05 TAITRON-1N5391J05 Datasheet
198Kb / 6P
1.5Amp Standard Rectifiers
logo
Tak Cheong Electronics ...
1N5391 TAK_CHEONG-1N5391 Datasheet
103Kb / 2P
1.5AMP. Standard Silicon Rectifiers
logo
SeCoS Halbleitertechnol...
FR151 SECOS-FR151 Datasheet
83Kb / 2P
1.5AMP Fast Recovery Rectifiers
HER151 SECOS-HER151 Datasheet
76Kb / 2P
1.5AMP High Efficiency Rectifiers
QG5391A SECOS-QG5391A Datasheet
177Kb / 2P
VOLTAGE 50V ~ 1000V 1.5AMP Surface Mount Silicon Rectifiers
W005G SECOS-W005G Datasheet
202Kb / 2P
1.5AMP Single Phase Bridge Rectifiers
logo
Shenzhen Luguang Electr...
FR151G LUGUANG-FR151G Datasheet
177Kb / 2P
1.5AMP. Glass Passivated Fast Recovery Rectifiers
1N5391S LUGUANG-1N5391S Datasheet
181Kb / 2P
1.5AMP. Silicon Rectifiers
logo
SeCoS Halbleitertechnol...
QG5391A SECOS-QG5391A_15 Datasheet
177Kb / 2P
1.5AMP Surface Mount Silicon Rectifiers
logo
Shenzhen Luguang Electr...
1N5391 LUGUANG-1N5391 Datasheet
1Mb / 2P
1.5AMP. Silicon Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com