Electronic Components Datasheet Search
  English  ▼

X  

KIA78R15 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # KIA78R15
Description  1A Low Dropout Voltage Regulator With ON/OFF Control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

KIA78R15 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  KIA78R15 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd KIA78R15 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd KIA78R15 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd KIA78R15 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd KIA78R15 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd KIA78R15 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd KIA78R15 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
KIA78RXX
2/7
PIN CONF IGUR AT I O N :
ORDERI N G INFOR MAT ION :
ABSOLUTE MAXI MUM RATINGS (Ta=25°C)
Characteris tic
Value
Unit
Input Vo lta ge
35
V
ON/OF F Control Vo latge
35
V
Package Marking
Output Vo ltage
Package Ty pe
KIA78R 25 FXX
2.5V
TO - 2 5 2 - 5 L
KIA78R 33 FXX
3.3 V
TO - 2 5 2 - 5 L
KIA78R 05 FXX
5.0V
TO - 2 5 2 - 5 L
KIA78R 06 FXX
6.0V
TO - 2 5 2 - 5 L
KIA78R 08 FXX
8.0V
TO - 2 5 2 - 5 L
KIA78R 09 FXX
9.0 V
TO - 2 5 2 - 5 L
KIA78R 10 FXX
10.0V
TO - 2 5 2 - 5 L
KIA78R 12 FXX
12.0V
TO - 2 5 2 - 5 L
KIA78R 15 FXX
15.0V
TO - 2 5 2 - 5 L
KIA78R 25 API
2.5V
TO-220F-4
KIA78R 33 API
3.3 V
TO-220F-4
KIA78R 05 API
5.0V
TO-220F-4
KIA78R 06 API
6.0V
TO-220F-4
KIA78R 08 API
8.0V
TO-220F-4
KIA78R 09 API
9.0 V
TO-220F-4
KIA78R 10 API
10.0V
TO-220F-4
KIA78R 12 API
12.0V
TO-220F-4
KIA78R 15 API
15.0V
TO-220F-4
PIN FU NCTI ON
1.
VIN
2.
GND
3.
VOUT
4.
NC
5. ON/OF F CO NTROL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com