Electronic Components Datasheet Search
  English  ▼

X  

LCE28A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LCE28A
Description  Low Capacitance TRANSZORB® Transient Voltage Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCE28A Datasheet(HTML) 2 Page - Vishay Siliconix

  LCE28A Datasheet HTML 1Page - Vishay Siliconix LCE28A Datasheet HTML 2Page - Vishay Siliconix LCE28A Datasheet HTML 3Page - Vishay Siliconix LCE28A Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LCE6.5A thru LCE28A
www.vishay.com
Vishay General Semiconductor
Revision: 22-Nov-11
2
Document Number: 88357
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• All the above devices are UL listed for Telecom application protection 497B, file number E136766
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Peak Pulse Power Rating Curve
Fig. 2 - Power Derating Curve
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PART
NUMBER
BREAKDOWN
VOLTAGE
VBR
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (μA)
MAXIMUM
PEAK
PULSE
CURRENT
(FIG.3)
IPP
(A)
MAXIMUM
CLAMPING
VOLTAGE
AT
IPP
VC (V)
MAXIMUM
JUNCTION
CAPACITANCE
AT 0 (V)
(pF)
MAXIMUM
INVERSE
BLOCKING
VOLTAGE
VWIB
(V)
MAXIMUM
INVERSE
BLOCKING
LEAKAGE
CURRENT
AT VWIB
ID (mA)
MINIMUM
PEAK
INVERSE
BLOCKING
VOLTAGE
VPIB
(V)
MIN.
MAX.
LCE6.5A
7.22
7.98
10.0
6.5
1000
100
11.2
100
75
1.0
100
LCE7.0A
7.78
8.6
10.0
7.0
500
100
12.0
100
75
1.0
100
LCE7.5A
8.33
9.21
10.0
7.5
250
100
12.9
100
75
1.0
100
LCE8.0A
8.89
9.83
1.0
8.0
100
100
13.6
100
75
1.0
100
LCE8.5A
9.44
10.4
1.0
8.5
50.0
100
14.4
100
75
1.0
100
LCE9.0A
10.0
11.1
1.0
9.0
10.0
97
15.4
100
75
1.0
100
LCE10A
11.1
12.3
1.0
10.0
5.0
88
17.0
100
75
1.0
100
LCE11A
12.2
13.5
1.0
11.0
5.0
82
18.2
100
75
1.0
100
LCE12A
13.3
14.7
1.0
12.0
5.0
75
19.9
100
75
1.0
100
LCE13A
14.4
15.9
1.0
13.0
5.0
70
21.5
100
75
1.0
100
LCE14A
15.6
17.2
1.0
14.0
5.0
65
23.2
100
75
1.0
100
LCE15A
16.7
18.5
1.0
15.0
5.0
61
24.4
100
75
1.0
100
LCE16A
17.8
19.7
1.0
16.0
5.0
57
26.0
100
75
1.0
100
LCE17A
18.9
20.9
1.0
17.0
5.0
54
27.6
100
75
1.0
100
LCE18A
20.0
22.1
1.0
18.0
5.0
51
29.2
100
75
1.0
100
LCE20A
22.2
24.5
1.0
20.0
5.0
46
32.4
100
75
1.0
100
LCE22A
24.4
26.9
1.0
22.0
5.0
42
35.5
100
75
1.0
100
LCE24A
26.7
29.5
1.0
24.0
5.0
39
38.9
100
75
1.0
100
LCE26A
28.9
31.9
1.0
26.0
5.0
36
42.1
100
75
1.0
100
LCE28A
31.1
34.4
1.0
28.0
5.0
33
45.5
100
75
1.0
100
ORDERING INFORMATION (Example)
PREFERRED PIN
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
LCE6.5A-E3/54
0.968
54
1400
13" diameter paper tape and reel
td - Pulse Width
100
10
1
0.1
0.1 µs
1.0 µs
10 µs
100 µs
1.0 ms
10 ms
L = 0.375" (9.5 mm)
Lead Lengths
TL - Lead Temperature (°C)
100
75
25
0
0
50
100
150
175
Peak Power (Single Pulse)
T
J = Initial Temperature
Power Dissipation
50
25
75
125



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com