Electronic Components Datasheet Search
  English  ▼

X  

1SS184 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # 1SS184
Description  Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

1SS184 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  1SS184 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 1SS184 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1SS184
Switching Diode
FEATURES
Low forward voltage
Fast reverse recovery time
MARKING: B3
Maximum Ratings @Ta=25
℃
Parameter
Symbol
Limit
Unit
Non-Repetitive Peak Reverse Voltage
VRM
85
V
DC Blocking Voltage
VR
80
V
Forward Continuous Current
IFM
300
mA
Average Rectified Output Current
IO
100
mA
Power Dissipation
PD
150
mW
Junction Temperature
TJ
1
50
℃
Storage Temperature Range
TSTG
-55
~+150
℃
Electrical Characteristics @Ta=25
℃
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Reverse breakdown voltage
V (BR)
80
V
IR=100μA
VF1
0.60
V
IF=1mA
VF2
0.72
V
IF=10mA
Forward voltage
VF3
0.9
1.2
V
IF=100mA
IR1
0.1
uA
VR=30V
Reverse current
IR2
0.5
uA
VR=80V
Capacitance between terminals
CT
0.9
3.0
pF
VR=0,f=1MHz
Reverse recovery time
t r r
1.6
4.0
ns
IF=IR=10mA,Irr=0.1×IR
SOT-23
A,Jun,2011
1
2
3
TIGER ELECTRONIC CO.,LTD


Similar Part No. - 1SS184

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS184 TOSHIBA-1SS184 Datasheet
129Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APLICATION)
1SS184 TOSHIBA-1SS184 Datasheet
197Kb / 3P
Ultra High Speed Switching Application
logo
Galaxy Semi-Conductor H...
1SS184 BILIN-1SS184 Datasheet
280Kb / 3P
Surface mount switching diode
Rev.A
logo
Guangdong Kexin Industr...
1SS184 KEXIN-1SS184 Datasheet
35Kb / 1P
ULTRA HIGH SPEED SWITCHING APPLICATION
logo
SEMTECH ELECTRONICS LTD...
1SS184 SEMTECH_ELEC-1SS184 Datasheet
135Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - 1SS184

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com