Electronic Components Datasheet Search
  English  ▼

X  

2N6517 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # 2N6517
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

2N6517 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  2N6517 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 2N6517 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd 2N6517 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2N6517
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The 2N6517 is designed for general purpose applications requiring high
breakdown voltages.
Features
• High Collector-Emitter Breakdown Voltage.
• Low Collector-Emitter Saturation Voltage.
• The 2N6517 is complementary to 2N6520.
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ........................................................................................................... -55~+150
°C
Junction Temperature ................................................................................................. +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C)............................................................................................. 625 mW
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage.................................................................................................... 350 V
VCEO Collector to Emitter Voltage................................................................................................. 350 V
VEBO Emitter to Base Voltage........................................................................................................... 5 V
IC Collector Current ................................................................................................................... 500 mA
IB Base Current ......................................................................................................................... 250 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
350
-
-
V
IC=100uA, IE=0
BVCEO
350
-
-
V
IC=1mA, IB=0
BVEBO
5
-
-
V
IE=10uA, IC=0
ICBO
-
-
50
nA
VCB=250V, IE=0
IEBO
-
-
50
nA
VEB=5V, IC=0
VCE(sat)1
-
-
0.30
V
IC=10mA, IB=1mA
VCE(sat)2
-
-
0.35
V
IC=20mA, IB=2mA
VCE(sat)3
-
-
0.50
V
IC=30mA, IB=3mA
VCE(sat)4
-
-
1.00
V
IC=50mA, IB=5mA
VBE(on)
-
-
2
V
IC=100mA, VCE=10V
VBE(sat)1
-
-
0.75
V
IC=10mA, IB=1mA
VBE(sat)2
-
-
0.85
V
IC=20mA, IB=2mA
VBE(sat)3
-
-
0.90
V
IC=30mA, IB=3mA
hFE1
20
-
-
VCE=10V, IC=1mA
hFE2
30
-
-
VCE=10V, IC=10m
hFE3
30
-
200
VCE=10V, IC=30mA
hFE4
20
-
200
VCE=10V, IC=50mA
hFE5
15
-
-
VCE=10V, IC=100mA
fT
40
-
200
MHz
IC=10mA, VCE=20V, f=20MHz
Cob
-
-
6
pF
VCB=20V, f=1MHz, IE=0
TIGER ELECTRONIC CO.,LTD
TIGER ELECTRONIC CO.,LTD


Similar Part No. - 2N6517

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6517 ONSEMI-2N6517 Datasheet
229Kb / 8P
High Voltage Transistors
October, 2001 ??Rev. 3
logo
Zetex Semiconductors
2N6517 ZETEX-2N6517 Datasheet
27Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Samsung semiconductor
2N6517 SAMSUNG-2N6517 Datasheet
36Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
2N6517 FAIRCHILD-2N6517 Datasheet
26Kb / 3P
NPN Epitaxial Silicon Transistor
logo
Micro Commercial Compon...
2N6517 MCC-2N6517 Datasheet
427Kb / 6P
High Voltage Transistor 625mW
More results

Similar Description - 2N6517

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com