Electronic Components Datasheet Search
  English  ▼

X  

2N6520 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # 2N6520
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

2N6520 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  2N6520 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 2N6520 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd 2N6520 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2N6520
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The 2N6520 is designed for general purpose applications requiring high
breakdown voltages.
Features
• High Collector-Emitter Breakdown Voltage.
• Low Collector-Emitter Saturation Voltage.
• The 2N6520 is complementary to 2N6517.
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ........................................................................................................... -55~+150
°C
Junction Temperature ................................................................................................. +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C)............................................................................................. 625 mW
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage.................................................................................................... 350 V
VCEO Collector to Emitter Voltage................................................................................................. 350 V
VEBO Emitter to Base Voltage........................................................................................................... 5 V
IC Collector Current ................................................................................................................... 500 mA
IB Base Current ......................................................................................................................... 250 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
350
-
-
V
IC=100uA, IE=0
BVCEO
350
-
-
V
IC=1mA, IB=0
BVEBO
5
-
-
V
IE=10uA, IC=0
ICBO
-
-
50
nA
VCB=250V, IE=0
IEBO
-
-
50
nA
VEB=4V, IC=0
VCE(SAT)1
-
-
0.30
V
IC=10mA IB=1mA
VCE(SAT)2
-
-
0.35
V
IC=20mA IB=2mA
VCE(SAT)3
-
-
0.50
V
IC=30mA IB=3mA
VCE(SAT)4
-
-
1.00
V
IC=50mA IB=5mA
VBE(ON)
-
-
2
V
IC=100mA VCE=10V
VBE(SAT)1
-
-
0.75
V
IC=10mA IB=1mA
VBE(SAT)2
-
-
0.85
V
IC=20mA IB=2mA
VBE(SAT)3
-
-
0.90
V
IC=30mA IB=3mA
hFE1
20
-
-
VCE=10V IC=1mA
hFE2
30
-
-
VCE=10V IC=10mA
hFE3
30
-
200
VCE=10V IC=30mA
hFE4
20
-
200
VCE=10V IC=50mA
hFE5
15
-
-
VCE=10V IC=100mA
fT
40
-
200
MHz
IC=10mA VCE=20V f=20MHz
Cob
-
-
6
pF
VCB=20V f=1MHz IE=0
TIGER ELECTRONIC CO.,LTD
TIGER ELECTRONIC CO.,LTD


Similar Part No. - 2N6520

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6520 ONSEMI-2N6520 Datasheet
229Kb / 8P
High Voltage Transistors
October, 2001 ??Rev. 3
logo
Zetex Semiconductors
2N6520 ZETEX-2N6520 Datasheet
27Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Samsung semiconductor
2N6520 SAMSUNG-2N6520 Datasheet
105Kb / 3P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
2N6520 FAIRCHILD-2N6520 Datasheet
70Kb / 5P
PNP Epitaxial Silicon Transistor
logo
Micro Commercial Compon...
2N6520 MCC-2N6520 Datasheet
427Kb / 6P
High Voltage Transistor 625mW
More results

Similar Description - 2N6520

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com