Electronic Components Datasheet Search
  English  ▼

X  

2SD2499 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # 2SD2499
Description  SILICON NPN TRIPLE DIFFUSED MESA TYPE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

2SD2499 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  2SD2499 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-3P(H)IS
Parameter
Symbol Value Unit
Collector-Base Voltage
V
CBO
1500
V
Collector-Emitter Voltage
V
CEO
600
V
Emitter-Base Voltage
V
EBO
5
V
Collector Current
I
C
6.0
A
Collector Peak Current
I
C(peak)
10
A
Total Dissipation at
P
tot
50
W
Max. Operating Junction Temperature
T
j
150
oC
Storage Temperature
T
stg
-55~150
oC
2SD2499
DESCRIPTION
Parameter
Symbol
Test Conditions
Min.
Typ.
Max. Unit
Collector Cutoff Current
I
CBO
V
CB=1500V, IE=0
—
—
1.0
mA
Emitter Cut-off Current
I
EBO
V
EB=5.0V, IC=0
67
—
200
mA
Emitter.Base Breakdown Voltage
V
(BR) EBO
I
C=400mA, IB=0
5
—
—
V
DC Current Gain
h
FE(1)
V
CE=5.0V, IC=1.0A
8
—
25
h
FE(2)
V
CE=5.0V, IC=4.0A
5
—
9
Collector-Emitter Saturation Voltage
V
CE(sat)
I
C=4.0A,IB=0.8A
—
—
5.0
V
Base-Emitter Saturation Voltage
V
BE(sat)
I
C=4.0A,IB=0.8A
—
1.05
1.3
V
Forward Voltage (Damper Diode)
V
F
I
F=6.0A
—
1.6
2.0
V
Collector Output Capacitance
C
ob
V
CB=10V,f=1.0MHz, IE=0
—
95
—
pF
SILICON NPN TRIPLE DIFFUSED MESA TYPE
Product specification
HORIZONTAL DEFLECTION OUTPUT FOR HIGH
RESOLUTION DISPLAY, COLOR TV
HIGH SPEED SWITCHING APPLICATIONS
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS ( Ta = 25 C)
O
( Ta = 25 C)
O
TIGER ELECTRONIC CO.,LTD


Similar Part No. - 2SD2499

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD2499 TOSHIBA-2SD2499 Datasheet
208Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR COLOR TV)
logo
Wing Shing Computer Com...
2SD2499 WINGS-2SD2499 Datasheet
97Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
logo
Savantic, Inc.
2SD2499 SAVANTIC-2SD2499 Datasheet
288Kb / 4P
Silicon NPN Power Transistors
2SD2499 SAVANTIC-2SD2499 Datasheet
290Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD2499 ISC-2SD2499 Datasheet
437Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SD2499

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
MJE13002A WINGS-MJE13002A Datasheet
87Kb / 1P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
logo
Toshiba Semiconductor
2SD1279 TOSHIBA-2SD1279 Datasheet
96Kb / 3P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
2SD1428 TOSHIBA-2SD1428 Datasheet
116Kb / 3P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
2SD1429 TOSHIBA-2SD1429 Datasheet
49Kb / 1P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
2SD1430 TOSHIBA-2SD1430 Datasheet
49Kb / 1P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
logo
List of Unclassifed Man...
2SC3210 ETC-2SC3210 Datasheet
75Kb / 1P
Silicon NPN Triple-Diffused Junction Mesa Type
logo
Toshiba Semiconductor
2SD819 TOSHIBA-2SD819 Datasheet
93Kb / 2P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
logo
Guangdong Kexin Industr...
2SC5355 KEXIN-2SC5355 Datasheet
44Kb / 2P
Silicon NPN Triple Diffused Mesa Type
logo
Tiger Electronic Co.,Lt...
2SD2553 TGS-2SD2553 Datasheet
138Kb / 1P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
2SD2553-E-1 TGS-2SD2553-E-1 Datasheet
138Kb / 1P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com