Electronic Components Datasheet Search
  English  ▼

X  

VLZ10D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLZ10D
Description  Small Signal Zener Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLZ10D Datasheet(HTML) 2 Page - Vishay Siliconix

  VLZ10D Datasheet HTML 1Page - Vishay Siliconix VLZ10D Datasheet HTML 2Page - Vishay Siliconix VLZ10D Datasheet HTML 3Page - Vishay Siliconix VLZ10D Datasheet HTML 4Page - Vishay Siliconix VLZ10D Datasheet HTML 5Page - Vishay Siliconix VLZ10D Datasheet HTML 6Page - Vishay Siliconix VLZ10D Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VLZ-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 30-Jan-12
2
Document Number: 81759
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
ZENER VOLTAGE RANGE
TEST CURRENT
REVERSE LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
f = 1 kHz
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1
ZZK at IZT2
V
mA
μA
V
MIN.
NOM.
MAX.
MAX.
MAX.
MAX.
VLZ2V4A
2.33
2.4
2.52
20
1
70
1
100
2000
VLZ2V4B
2.43
2.4
2.63
20
1
70
1
100
2000
VLZ2V7A
2.54
2.7
2.75
20
1
50
1
100
1000
VLZ2V7B
2.69
2.7
2.91
20
1
50
1
100
1000
VLZ3V0A
2.85
3.0
3.07
20
1
50
1
80
1000
VLZ3V0B
3.01
3.0
3.22
20
1
10
1
80
1000
VLZ3V3A
3.16
3.3
3.38
20
1
10
1
70
1000
VLZ3V3B
3.32
3.3
3.53
20
1
10
1
70
1000
VLZ3V6A
3.455
3.6
3.695
20
1
5
1
60
1000
VLZ3V6B
3.6
3.6
3.845
20
1
5
1
60
1000
VLZ3V9A
3.74
3.9
4.01
20
1
3
1
50
1000
VLZ3V9B
3.89
3.9
4.16
20
1
3
1
50
1000
VLZ4V3A
4.04
4.3
4.29
20
1
3
1
40
1000
VLZ4V3B
4.17
4.3
4.43
20
1
3
1
40
1000
VLZ4V3C
4.3
4.3
4.57
20
1
3
1
40
1000
VLZ4V7A
4.44
4.7
4.68
20
1
10
2
25
900
VLZ4V7B
4.55
4.7
4.8
20
1
6
2
25
900
VLZ4V7C
4.68
4.7
4.93
20
1
3
2
25
900
VLZ5V1A
4.81
5.1
5.07
20
1
2
2
20
800
VLZ5V1B
4.94
5.1
5.2
20
1
2
2
20
800
VLZ5V1C
5.09
5.1
5.37
20
1
2
2
20
800
VLZ5V6A
5.28
5.6
5.55
20
1
1
2
13
500
VLZ5V6B
5.45
5.6
5.73
20
1
1
2
13
500
VLZ5V6C
5.61
5.6
5.91
20
1
1
2
13
500
VLZ6V2A
5.78
6.2
6.09
20
1
3
4
10
300
VLZ6V2B
5.96
6.2
6.27
20
1
3
4
10
300
VLZ6V2C
6.12
6.2
6.44
20
1
3
4
10
300
VLZ6V8A
6.29
6.8
6.63
20
0.5
2
4
8
150
VLZ6V8B
6.49
6.8
6.83
20
0.5
2
4
8
150
VLZ6V8C
6.66
6.8
7.01
20
0.5
2
4
8
150
VLZ7V5A
6.85
7.5
7.22
20
0.5
3
6.5
8
120
VLZ7V5B
7.07
7.5
7.45
20
0.5
3
6.73
8
120
VLZ7V5C
7.29
7.5
7.67
20
0.5
3
6.93
8
120
VLZ8V2A
7.53
8.2
7.92
20
0.5
7.5
7.15
8
120
VLZ8V2B
7.78
8.2
8.19
20
0.5
7.5
7.39
8
120
VLZ8V2C
8.03
8.2
8.45
20
0.5
7.5
7.63
8
120
VLZ9V1A
8.29
9.1
8.73
20
0.5
0.04
7.88
8
120
VLZ9V1B
8.57
9.1
9.01
20
0.5
0.04
8.14
8
120
VLZ9V1C
8.83
9.1
9.3
20
0.5
0.04
8.39
8
120
VLZ10A
9.12
10
9.59
20
0.5
0.04
8.66
8
120
VLZ10B
9.41
10
9.9
20
0.5
0.04
8.94
8
120
VLZ10C
9.7
10
10.2
20
0.5
0.04
9.22
8
120
VLZ10D
9.94
10
10.44
20
0.5
0.04
9.44
8
120
VLZ11A
10.18
11
10.71
10
0.5
0.04
9.67
10
120
VLZ11B
10.5
11
11.05
10
0.5
0.04
9.98
10
120



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com