Electronic Components Datasheet Search
  English  ▼

X  

BA6208F Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # BA6208F
Description  REVERSIBLE MOTOR DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

BA6208F Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  BA6208F Datasheet HTML 1Page - Tiger Electronic Co.,Ltd BA6208F Datasheet HTML 2Page - Tiger Electronic Co.,Ltd BA6208F Datasheet HTML 3Page - Tiger Electronic Co.,Ltd BA6208F Datasheet HTML 4Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REVERSIBLE MOTOR DRIVER BA6208/BA6208F
DESCRIPTION
Outline Drawing
The BA 6208 /BA6208BF are monolithic
ICs used for driving reversible mo tors. They
allow control of reversible mo tors in
cassette players and other electrical
equipment by using TTL-level logic signals.
The ICs contain a logic section, which
controls forward and reverse rotations as
well as forced stop, and an output power section,
SIP9
which can supply an output current of up to
100mA (ty p ical) according to the logic
control.
FEATURE
Motor driving power transistors are
built in (100mA ty pically )
Brake is applied when stopping the mo tor
SOP8
(when in-puts A and B are both HIGH level).
Built-in diode to absorb surge currents.
Very low standby circuit current when inputs A and Bare both LOW level.
Wide range of operating supply voltage (4.5~15.0V).
Direct control with the TTL logic.
TIGER ELECTRONIC CO.,LTD
BA6208
BA6208F
1/4


Similar Part No. - BA6208F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6208F ROHM-BA6208F Datasheet
39Kb / 2P
Reversible motor driver
BA6208F ROHM-BA6208F Datasheet
45Kb / 2P
Reversible motor driver
BA6208F-E2 ROHM-BA6208F-E2 Datasheet
45Kb / 2P
Reversible motor driver
More results

Similar Description - BA6208F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6285FS ROHM-BA6285FS Datasheet
155Kb / 9P
Reversible motor driver
BA6951FS ROHM-BA6951FS Datasheet
303Kb / 5P
Reversible Motor Driver
BA6222 ROHM-BA6222_1 Datasheet
290Kb / 5P
Reversible Motor Driver
BA6950FS ROHM-BA6950FS_1 Datasheet
308Kb / 5P
Reversible Motor Driver
logo
BCD Semiconductor Manuf...
AZ6208B BCDSEMI-AZ6208B Datasheet
193Kb / 10P
REVERSIBLE MOTOR DRIVER
logo
Rohm
BD6941FM ROHM-BD6941FM Datasheet
333Kb / 5P
Reversible Motor Driver
logo
Unisonic Technologies
UA9287 UTC-UA9287_12 Datasheet
146Kb / 4P
REVERSIBLE MOTOR DRIVER
logo
Rohm
BA6289F-E2 ROHM-BA6289F-E2 Datasheet
119Kb / 9P
Reversible motor driver
BA6208F-E2 ROHM-BA6208F-E2 Datasheet
45Kb / 2P
Reversible motor driver
logo
Unisonic Technologies
BA6208 UTC-BA6208_15 Datasheet
192Kb / 4P
REVERSIBLE MOTOR DRIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com