Electronic Components Datasheet Search
  English  ▼

X  

VLZ12B Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLZ12B
Description  Small Signal Zener Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLZ12B Datasheet(HTML) 3 Page - Vishay Siliconix

  VLZ12B Datasheet HTML 1Page - Vishay Siliconix VLZ12B Datasheet HTML 2Page - Vishay Siliconix VLZ12B Datasheet HTML 3Page - Vishay Siliconix VLZ12B Datasheet HTML 4Page - Vishay Siliconix VLZ12B Datasheet HTML 5Page - Vishay Siliconix VLZ12B Datasheet HTML 6Page - Vishay Siliconix VLZ12B Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VLZ-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 30-Jan-12
3
Document Number: 81759
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VLZ11C
10.82
11
11.38
10
0.5
0.04
10.28
10
120
VLZ12A
11.13
12
11.71
10
0.5
0.04
10.6
12
110
VLZ12B
11.44
12
12.03
10
0.5
0.04
10.9
12
110
VLZ12C
11.74
12
12.35
10
0.5
0.04
11.2
12
110
VLZ13A
12.11
13
12.75
10
0.5
0.04
11.5
14
110
VLZ13B
12.55
13
13.21
10
0.5
0.04
11.9
14
110
VLZ13C
12.99
13
13.66
10
0.5
0.04
12.3
14
110
VLZ15A
13.44
15
14.13
10
0.5
0.04
12.8
16
110
VLZ15B
13.89
15
14.62
10
0.5
0.04
13.2
16
110
VLZ15C
14.35
15
15.09
10
0.5
0.04
13.6
16
110
VLZ16A
14.8
16
15.57
10
0.5
0.04
14.1
18
150
VLZ16B
15.25
16
16.04
10
0.5
0.04
14.5
18
150
VLZ16C
15.69
16
16.51
10
0.5
0.04
14.9
18
150
VLZ18A
16.22
18
17.06
10
0.5
0.04
15.4
23
150
VLZ18B
16.82
18
17.7
10
0.5
0.04
16
23
150
VLZ18C
17.42
18
18.33
10
0.5
0.04
16.5
23
150
VLZ20A
18.02
20
18.96
10
0.5
0.04
17.1
28
200
VLZ20B
18.63
20
19.59
10
0.5
0.04
17.7
28
200
VLZ20C
19.23
20
20.22
10
0.5
0.04
18.3
28
200
VLZ20D
19.72
20
20.72
10
0.5
0.04
18.7
28
200
VLZ22A
20.15
22
21.2
5
0.5
0.04
19.1
30
200
VLZ22B
20.64
22
21.71
5
0.5
0.04
19.6
30
200
VLZ22C
21.08
22
22.17
5
0.5
0.04
20
30
200
VLZ22D
21.52
22
22.63
5
0.5
0.04
20.4
30
200
VLZ24A
22.05
24
23.18
5
0.5
0.04
20.9
35
200
VLZ24B
22.61
24
23.77
5
0.5
0.04
21.5
35
200
VLZ24C
23.12
24
24.31
5
0.5
0.04
22
35
200
VLZ24D
23.63
24
24.85
5
0.5
0.04
22.4
35
200
VLZ27A
24.26
27
25.52
5
0.5
0.04
23
45
250
VLZ27B
24.97
27
26.26
5
0.5
0.04
23.7
45
250
VLZ27C
25.63
27
26.95
5
0.5
0.04
24.3
45
250
VLZ27D
26.29
27
27.64
5
0.5
0.04
25
45
250
VLZ30A
26.99
30
28.39
5
0.5
0.04
25.6
55
250
VLZ30B
27.7
30
29.13
5
0.5
0.04
26.3
55
250
VLZ30C
28.36
30
29.82
5
0.5
0.04
26.9
55
250
VLZ30D
29.02
30
30.51
5
0.5
0.04
27.6
55
250
VLZ33A
29.68
33
31.22
5
0.5
0.04
28.2
65
250
VLZ33B
30.32
33
31.88
5
0.5
0.04
28.8
65
250
VLZ33C
30.9
33
32.5
5
0.5
0.04
29.4
65
250
VLZ33D
31.49
33
33.11
5
0.5
0.04
29.9
65
250
VLZ36A
32.14
36
33.79
5
0.5
0.04
30.5
75
250
VLZ36B
32.79
36
34.49
5
0.5
0.04
31.2
75
250
VLZ36C
33.4
36
35.13
5
0.5
0.04
31.7
75
250
VLZ36D
34.01
36
35.77
5
0.5
0.04
32.3
75
250
VLZ39A
34.68
39
36.47
5
0.5
0.04
32.9
85
250
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
ZENER VOLTAGE RANGE
TEST CURRENT
REVERSE LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
f = 1 kHz
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1
ZZK at IZT2
V
mA
μA
V
MIN.
NOM.
MAX.
MAX.
MAX.
MAX.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com