Electronic Components Datasheet Search
  English  ▼

X  

BAV20W Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # BAV20W
Description  SOD-123 Plastic-Encapsulate Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

BAV20W Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  BAV20W Datasheet HTML 1Page - Tiger Electronic Co.,Ltd BAV20W Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOD-123 Plastic-Encapsulate Diodes
BAV19W/BAV20W/BAV21W
FAST SWITCHING DIODES
FEATURES
MARKING: BAV19W: A8
BAV20W: T2
BAV21W: T3
Maximum Ratings and Electrical Characteristics, Single Diode @TA=25
℃
Parameter
Symbol
BAV19W
BAV20W
BAV21W
Unit
Non-Repetitive Peak reverse voltage
VRM
120
200
250
V
Peak Repetitive Peak reverse voltage
Working Peak Reverse Voltage
DC Blocking
Voltage
VRRM
VRWM
VR
100
150
2
50
V
RMS Reverse Voltage
VR(RMS)
71
106
141
V
Forward Continuous Current
IFM
400
mA
Average Rectified Output Current
IO
200
mA
Peak forward surge current @=1.0ms
@=1.0s
IFSM
2.5
0.5
A
Repetitive Peak Forward Current
IFRM
625
mA
Power Dissipation
Pd
250
mW
Thermal
Resistance
Junction
to
Ambient
RθJA
500
℃
/W
Storage temperature
TSTG
-65~+150
℃
Electrical Ratings @TA=25
℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VF1
1.0
IF=0.1A
Forward voltage
VF2
1.25
V
IF=0.2A
0.1
VR=100V
0.1
VR=150V
Reverse current
BAV19W
BAV20W
BAV21W
IR
0.1
μA
VR=200V
Capacitance between terminals
CT
5
pF
VR=0V,f=1MHz
Reverse Recovery Time
trr
50
ns
IF=IR=30mA
Irr=0.1XIR,RL=100Ω
SOD-123
TIGER ELECTRONIC CO.,LTD


Similar Part No. - BAV20W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV20W PANJIT-BAV20W Datasheet
54Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Transys Electronics
BAV20W TRSYS-BAV20W Datasheet
147Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV20W DIODES-BAV20W Datasheet
70Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12024 Rev. 9 - 2
logo
General Semiconductor
BAV20W GE-BAV20W Datasheet
187Kb / 4P
Small Signal Diodes
logo
Micro Commercial Compon...
BAV20W MCC-BAV20W Datasheet
163Kb / 3P
410mW Small Signal Diodes 120 to 250 Volts
More results

Similar Description - BAV20W

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
1N4148W WILLAS-1N4148W Datasheet
375Kb / 3P
SOD-123 Plastic-Encapsulate Diodes
logo
Jiangsu High diode Semi...
1N4148W HDSEMI-1N4148W Datasheet
1Mb / 5P
SOD-123 Plastic-Encapsulate Diodes
1N4448WT5 HDSEMI-1N4448WT5 Datasheet
1Mb / 5P
SOD-123 Plastic-Encapsulate Diodes
1N5819W HDSEMI-1N5819W Datasheet
1Mb / 4P
SOD 123 Plastic-Encapsulate Diodes
B1040W HDSEMI-B1040W Datasheet
2Mb / 4P
SOD 123 Plastic-Encapsulate Diodes
B5817W HDSEMI-B5817W Datasheet
2Mb / 4P
SOD 123 Plastic-Encapsulate Diodes
BAT46W HDSEMI-BAT46W Datasheet
1Mb / 4P
SOD 123 Plastic-Encapsulate Diodes
BZT52B-SOD123 HDSEMI-BZT52B-SOD123 Datasheet
1Mb / 5P
SOD 123 Plastic-Encapsulate Diodes
logo
UN Semiconducctor INC
BAT43W UNSEMI-BAT43W Datasheet
2Mb / 4P
SOD-123 Plastic-Encapsulate Diodes
Revision March 1,2022
SD103AW UNSEMI-SD103AW Datasheet
2Mb / 4P
SOD-123 Plastic-Encapsulate Diodes
Revision March 1,2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com