Electronic Components Datasheet Search
  English  ▼

X  

BDX53F Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # BDX53F
Description  Complementary Silicon Power Darlington Ttransistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

BDX53F Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  BDX53F Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
160
V
Collector-Emitter Voltage
VCEO
160
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
8.0
A
Base Current
IB
0.2
A
Total Dissipation at
Ptot
60
W
Max. Operating Junction Temperature
Tj
150
oC
Storage Temperature
Tstg
-55~150
oC
BDX53F / BDX54F
DESCRIPTION
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Collector Cut-off Current
ICBO
VCB=160V, IE=0
—
—
0.2
mA
Collector Cut-off Current
ICEO
VCE=80V, IB=0
—
—
0.5
mA
Emitter Cut-off Current
IEBO
VEB=5.0V, IC=0
—
—
2.0
mA
Collector-Emitter Sustaining Voltage
VCEO
IC=50mA, IB=0
160
—
—
V
DC Current Gain
hFE
VCE=5V, IC=2.0A
500
—
—
Collector-Emitter Saturation Voltage
VCE(sat)
IC=2.0A,IB=10mA
—
—
2.0
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=2.0A,IB=10mA
—
—
2.5
V
Parallel-diode Forward Voltage
VF
IF=2A
—
—
2.5
V
Complementary Silicon Power Darlington Ttransistors
Product specification
The BDX53F are silicon Epitaxial-Base NPN power transistors in
monolithic Darlington configuration mounted in Jedec TO-220 plastic package.
They are intented for use in hammer drivers, audio amplifiers and
other medium power linear and switching applications.
The complementary PNP types are BDX54F respectively.
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS ( Ta = 25 C)
O
( Ta = 25 C)
O
TO-220
TIGER ELECTRONIC CO.,LTD


Similar Part No. - BDX53F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BDX53F STMICROELECTRONICS-BDX53F Datasheet
72Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Oct-2003
logo
Inchange Semiconductor ...
BDX53F ISC-BDX53F Datasheet
109Kb / 2P
isc Silicon NPN Darlington Power Transistor
logo
New Jersey Semi-Conduct...
BDX53F NJSEMI-BDX53F Datasheet
129Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Tiger Electronic Co.,Lt...
BDX53F-E TGS-BDX53F-E Datasheet
66Kb / 1P
Complementary Silicon Power Darlington Ttransistors
More results

Similar Description - BDX53F

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
2SB817 TGS-2SB817 Datasheet
70Kb / 1P
Complementary Silicon Power Ttransistors
2SB546A TGS-2SB546A Datasheet
132Kb / 1P
Complementary Silicon Power Ttransistors
BD139 TGS-BD139 Datasheet
59Kb / 1P
Complementary Silicon Power Ttransistors
BDX53C TGS-BDX53C Datasheet
72Kb / 1P
Complementary Silicon Power Darlington Ttransistors
MJE3055T TGS-MJE3055T Datasheet
93Kb / 1P
Complementary Silicon Power Ttransistors
TIP31C TGS-TIP31C Datasheet
85Kb / 1P
Complementary Silicon Power Ttransistors
TIP41C TGS-TIP41C Datasheet
89Kb / 1P
Complementary Silicon Power Ttransistors
BDX53F-E TGS-BDX53F-E Datasheet
66Kb / 1P
Complementary Silicon Power Darlington Ttransistors
MJD31C TGS-MJD31C Datasheet
358Kb / 1P
Complementary Silicon Power Ttransistors
MJD41C TGS-MJD41C Datasheet
368Kb / 1P
Complementary Silicon Power Ttransistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com