Electronic Components Datasheet Search
  English  ▼

X  

BSM191 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BSM191
Description  SIMOPAC Module (Power module Single switch N channel Enhancement mode)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSM191 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BSM191 Datasheet HTML 1Page - Siemens Semiconductor Group BSM191 Datasheet HTML 2Page - Siemens Semiconductor Group BSM191 Datasheet HTML 3Page - Siemens Semiconductor Group BSM191 Datasheet HTML 4Page - Siemens Semiconductor Group BSM191 Datasheet HTML 5Page - Siemens Semiconductor Group BSM191 Datasheet HTML 6Page - Siemens Semiconductor Group BSM191 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Semiconductor Group
72
BSM 191
Electrical Characteristics
at
T
j = 25 ˚C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Drain-source breakdown voltage
V
GS = 0, ID = 0.25 mA
V
(BR)DSS
1000
–
–
V
Gate threshold voltage
V
GS = VDS, ID = 1 mA
V
GS(th)
2.1
3.0
4.0
Zero gate voltage drain current
V
DS = 1000 V, VGS = 0
T
j = 25 ˚C
T
j = 125 ˚C
I
DSS
–
–
50
300
250
1000
µA
Gate-source leakage current
V
GS = 20 V, VDS = 0
I
GSS
–
10
100
nA
Drain-source on-state resistance
V
GS = 10 V, ID = 18 A
R
DS(on)
–
0.33
0.37
Ω
Dynamic Characteristics
Forward transconductance
V
DS ≥ 2 × ID × RDS(on)max., ID = 18 A
g
fs
15
22
–
S
Input capacitance
V
GS = 0, VDS = 25 V, f = 1 MHz
C
iiss
–22
30
nF
Output capacitance
V
GS = 0, VDS = 25 V,
f = 1 MHz
C
oss
–
1
1.5
Reverse transfer capacitance
V
GS = 0, VDS = 25 V, f = 1 MHz
C
rss
–
0.48
0.8
Turn-on time
t
on (ton = td (on) + tr)
V
CC = 500 V, VGS = 10 V
I
D = 18 A, RGS = 3.3 Ω
t
d (on)
–60
–
ns
t
r
–30
–
Turn-off time
t
off (toff = td (off) + tf)
V
CC = 500 V, VGS = 10 V
I
D = 18 A, RGS = 3.3 Ω
t
d (off)
–
350
–
t
f
–60
–



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com