Electronic Components Datasheet Search
  English  ▼

X  

C106M Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # C106M
Description  Thyristors logic level
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

C106M Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  C106M Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Symbol
Max
Unit
Repetitive peak off-state
voltages
V
DRM
V
RRM
400
V
Average on-state current
I
T(AV)
2.5
A
RMS on-state current
I
T(RMS)
4.0
A
Non-repetitive peak
on-state current
I
TSM
38
A
Max. Operating Junction
Temperature
T
j
110
oC
Storage Temperature
T
stg
-45~150
oC
C106M
GENERAL DESCRIPTION
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Repetitive peak off-state voltages
V
DRM
V
RRM
400
V
Average on-state current
I
T(AV)
half sine wave; T
mb< 103
oC
2.5
A
RMS on-state current
I
T(RMS)
all conduction angles
4.0
A
On-state voltage
V
T
I
T=5.0A
1.23
1.8
V
Holding current
I
H
V
D =12 V; IGT = 0.1 A
0.1
6.0
mA
Latching current
I
L
V
D =12 V; IGT = 0.1 A
0.17
10
mA
Gate trigger current
I
GT
V
D =12 V; IT = 0.1 A
15
200
uA
Gate trigger voltage
V
GT
V
D =12 V; IT = 0.1 A
0.4
1.5
V
Thyristors logic level
Passivated, sensitive gate thyristor in a plastic envelope,
intended for use in general purpose switching and phase
control applications. This device is intended to be
interfaced directly to microcontrollers, logic integrated
circuits and other low power gate trigger circuits
Product specification
TO-126
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
( Ta = 25 C)
O
( Ta = 25 C)
O
TIGER ELECTRONIC CO.,LTD


Similar Part No. - C106M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C106M MOTOROLA-C106M Datasheet
98Kb / 4P
SCRs 4 AMPERES RMS 50 thru 600 VOLTS
logo
ON Semiconductor
C106M ONSEMI-C106M Datasheet
62Kb / 6P
Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
GE Solid State
C106M GESS-C106M Datasheet
37Kb / 1P
4-A Sensitive-Gate Silicon Controlled Rectifiers
logo
Central Semiconductor C...
C106M CENTRAL-C106M Datasheet
82Kb / 2P
4.0A SENSITIVE GATE SILICON CONTROLLED RECTIFIER 200 THRU 600 VOLTS
logo
Apollo Electron Co., Lt...
C106M APOLLOELECTRON-C106M Datasheet
2Mb / 5P
Sensitive Gate Silicon Controlled Rectifiers
More results

Similar Description - C106M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT148 PHILIPS-BT148 Datasheet
43Kb / 6P
Thyristors logic level
October 1997 Rev 1.300
BT148W PHILIPS-BT148W Datasheet
53Kb / 7P
Thyristors logic level
October 1997 Rev 1.300
BT149 PHILIPS-BT149 Datasheet
42Kb / 6P
Thyristors logic level
September 1997 Rev 1.200
BT150S PHILIPS-BT150S Datasheet
49Kb / 6P
Thyristors logic level
October 1997 Rev 1.100
BT258 PHILIPS-BT258 Datasheet
44Kb / 6P
Thyristors logic level
October 1997 Rev 1.200
BT258U PHILIPS-BT258U Datasheet
51Kb / 6P
Thyristors logic level
March 1999 Rev 1.000
BT258S-800R PHILIPS-BT258S-800R Datasheet
49Kb / 6P
Thyristors logic level
October 2002-Rev 2.000
BT169 PHILIPS-BT169 Datasheet
67Kb / 12P
Thyristors logic level
Rev. 04-23 August 2004
logo
Tiger Electronic Co.,Lt...
BT169D TGS-BT169D Datasheet
152Kb / 1P
Thyristors logic level
logo
Guangdong Kexin Industr...
BT169DW KEXIN-BT169DW Datasheet
79Kb / 2P
Thyristors logic level
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com