Electronic Components Datasheet Search
  English  ▼

X  

DS1307 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # DS1307
Description  64 X 8 Serial Real Time Clock
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

DS1307 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  DS1307 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd DS1307 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd DS1307 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd DS1307 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd DS1307 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd DS1307 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd DS1307 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd DS1307 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd DS1307 Datasheet HTML 9Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 of 11
081800
FEATURES
Real time clock counts seconds, minutes,
hours, date of the month, month, day of the
week, and year with leap year compensation
valid up to 2100
56 byte nonvolatile RAM for data storage
2-wire serial interface
Programmable squarewave output signal
Automatic power-fail detect and switch
circuitry
Consumes less than 500 nA in battery backup
mode with oscillator running
Optional industrial temperature range
-40°C to +85°C
Available in 8-pin DIP or SOIC
Recognized by Underwriters Laboratory
ORDERING INFORMATION
DS1307
8-Pin DIP
DS1307Z
8-Pin SOIC (150 mil)
DS1307N
8-Pin DIP (Industrial)
DS1307ZN
8-Pin SOIC (Industrial)
PIN ASSIGNMENT
PIN DESCRIPTION
VCC
- Primary Power Supply
X1, X2
- 32.768 kHz Crystal Connection
VBAT
- +3V Battery Input
GND
- Ground
SDA
- Serial Data
SCL
- Serial Clock
SQW/OUT
- Square wave/Output Driver
DESCRIPTION
The DS1307 Serial Real Time Clock is a low power, full BCD clock/calendar plus 56 bytes of
nonvolatile SRAM.
Address and data are transferred serially via a 2-wire bi-directional bus.
The
clock/calendar provides seconds, minutes, hours, day, date, month, and year information. The end of the
month date is automatically adjusted for months with less than 31 days, including corrections for leap
year. The clock operates in either the 24-hour or 12-hour format with AM/PM indicator. The DS1307
has a built-in power sense circuit which detects power failures and automatically switches to the battery
supply.
DS1307
64 X 8 Serial Real Time Clock
DS1307Z 8-Pin SOIC (150 mil)
DS1307 8-Pin DIP (300 mil)
X1
X2
VBAT
GND
VCC
SQW/OUT
SCL
l
2
3
4
8
7
6
5
SDA
l
2
3
4
8
7
6
5
X1
X2
VBAT
GND
VCC
SQW/OUT
SCL
SDA
TIGER ELECTRONIC CO.,LTD


Similar Part No. - DS1307

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1307 DALLAS-DS1307 Datasheet
165Kb / 11P
64 X 8 Serial Real Time Clock
DS1307 DALLAS-DS1307 Datasheet
225Kb / 14P
64 X 8 Serial Real Time Clock
logo
Maxim Integrated Produc...
DS1307 MAXIM-DS1307 Datasheet
668Kb / 15P
64 x 8, Serial, I2C Real-Time Clock
REV: 121906
DS1307 MAXIM-DS1307 Datasheet
287Kb / 14P
64 x 8, Serial, I2C Real-Time Clock
REV: 100208
logo
ARTSCHIP ELECTRONICS CO...
DS1307 ARTSCHIP-DS1307 Datasheet
249Kb / 14P
I2C Real-Time Clock
More results

Similar Description - DS1307

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1307 DALLAS-DS1307 Datasheet
165Kb / 11P
64 X 8 Serial Real Time Clock
DS1308 DALLAS-DS1308 Datasheet
225Kb / 14P
64 X 8 Serial Real Time Clock
logo
Maxim Integrated Produc...
DS1307 MAXIM-DS1307_06 Datasheet
668Kb / 15P
64 x 8, Serial, I2C Real-Time Clock
REV: 121906
DS1307 MAXIM-DS1307 Datasheet
287Kb / 14P
64 x 8, Serial, I2C Real-Time Clock
REV: 100208
logo
Cypress Semiconductor
CY14C064I CYPRESS-CY14C064I Datasheet
2Mb / 41P
64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C064PA CYPRESS-CY14C064PA Datasheet
1Mb / 43P
64-Kbit (8 K x 8) SPI nvSRAM with Real Time Clock with Real Time Clock
CY14C512I CYPRESS-CY14C512I Datasheet
1Mb / 41P
512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B512P CYPRESS-CY14B512P_13 Datasheet
1Mb / 35P
512-Kbit (64 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C064I CYPRESS-CY14C064I_13 Datasheet
2Mb / 40P
64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C512I CYPRESS-CY14C512I_13 Datasheet
2Mb / 41P
512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com