Electronic Components Datasheet Search
  English  ▼

X  

DS1307Z Datasheet(PDF) 4 Page - Tiger Electronic Co.,Ltd

Part # DS1307Z
Description  64 X 8 Serial Real Time Clock
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

DS1307Z Datasheet(HTML) 4 Page - Tiger Electronic Co.,Ltd

  DS1307Z Datasheet HTML 1Page - Tiger Electronic Co.,Ltd DS1307Z Datasheet HTML 2Page - Tiger Electronic Co.,Ltd DS1307Z Datasheet HTML 3Page - Tiger Electronic Co.,Ltd DS1307Z Datasheet HTML 4Page - Tiger Electronic Co.,Ltd DS1307Z Datasheet HTML 5Page - Tiger Electronic Co.,Ltd DS1307Z Datasheet HTML 6Page - Tiger Electronic Co.,Ltd DS1307Z Datasheet HTML 7Page - Tiger Electronic Co.,Ltd DS1307Z Datasheet HTML 8Page - Tiger Electronic Co.,Ltd DS1307Z Datasheet HTML 9Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DS1307
4 of 11
The DS1307 can be run in either 12-hour or 24-hour mode. Bit 6 of the hours register is defined as the
12- or 24-hour mode select bit. When high, the 12-hour mode is selected. In the 12-hour mode, bit 5 is
the AM/PM bit with logic high being PM. In the 24-hour mode, bit 5 is the second 10 hour bit (20-
23 hours).
On a 2-wire START, the current time is transferred to a second set of registers. The time information is
read from these secondary registers, while the clock may continue to run. This eliminates the need to re-
read the registers in case of an update of the main registers during a read.
DS1307 TIMEKEEPER REGISTERS Figure 3
CONTROL REGISTER
The DS1307 Control Register is used to control the operation of the SQW/OUT pin.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
OUT
X
X
SQWE
X
X
RS1
RS0
OUT (Output control): This bit controls the output level of the SQW/OUT pin when the square wave
output is disabled. If SQWE=0, the logic level on the SQW/OUT pin is 1 if OUT=1 and is 0 if OUT=0.
SQWE (Square Wave Enable): This bit, when set to a logic 1, will enable the oscillator output. The
frequency of the square wave output depends upon the value of the RS0 and RS1 bits.
RS (Rate Select): These bits control the frequency of the square wave output when the square wave
output has been enabled. Table 1 lists the square wave frequencies that can be selected with the RS bits.
SQUAREWAVE OUTPUT FREQUENCY Table 1
RS1
RS0
SQW OUTPUT
FREQUENCY
00
1 Hz
0
1
4.096 kHz
1
0
8.192 kHz
1
1
32.768 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com