Electronic Components Datasheet Search
  English  ▼

X  

2KBP005 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 2KBP005
Description  Single Phase Rectifier Bridge, 2 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2KBP005 Datasheet(HTML) 1 Page - Vishay Siliconix

  2KBP005 Datasheet HTML 1Page - Vishay Siliconix 2KBP005 Datasheet HTML 2Page - Vishay Siliconix 2KBP005 Datasheet HTML 3Page - Vishay Siliconix 2KBP005 Datasheet HTML 4Page - Vishay Siliconix 2KBP005 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 93562
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 17-Jun-08
1
Single Phase Rectifier Bridge, 2 A
2KBP Series
Vishay High Power Products
FEATURES
• Suitable for printed circuit board mounting
• Compact construction
• High surge current capability
• RoHS compliant
DESCRIPTION
A 2 A single phase encapsulated bridge rectifier consisting of
four single diodes connected as a full bridge. They are
intended for general applications in industrial and consumer
equipment.
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IO
2 A
VRRM
50 to 1000 V
D-44
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IO
2.0
A
IFSM
50 Hz
60
A
60 Hz
63
I2t
50 Hz
18
A2s
60 Hz
16
VRRM
50 to 1000
V
TJ
- 40 to 150
°C
VOLTAGE RATINGS
PART NUMBER
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
(V)
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
(V)
VRMS, MAXIMUM RECOMMENDED
RMS SUPPLY VOLTAGE
(V)
2KBP005
50
50
20
2KBP02
200
200
80
2KBP04
400
400
125
2KBP06
600
600
250
2KBP08
800
800
380
2KBP10
1000
1000
500


Similar Part No. - 2KBP005

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
2KBP005 GE-2KBP005 Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
International Rectifier
2KBP005 IRF-2KBP005 Datasheet
47Kb / 3P
2A single phase rectifier bridge
logo
Vishay Siliconix
2KBP005 VISHAY-2KBP005 Datasheet
105Kb / 4P
Single Phase Rectifier Bridge, 2 A
17-Jun-08
logo
EIC discrete Semiconduc...
2KBP005 EIC-2KBP005 Datasheet
51Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
2KBP005 MCC-2KBP005 Datasheet
279Kb / 3P
2.0 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - 2KBP005

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2KBP VISHAY-2KBP_08 Datasheet
105Kb / 4P
Single Phase Rectifier Bridge, 2 A
17-Jun-08
KBPC8 VISHAY-KBPC8 Datasheet
100Kb / 3P
Single Phase Rectifier Bridge, 8 A
29-Sep-08
KBPC810PBF VISHAY-KBPC810PBF Datasheet
109Kb / 4P
Single Phase Rectifier Bridge, 8 A
29-Sep-08
2KBP10M-E4 VISHAY-2KBP10M-E4 Datasheet
112Kb / 5P
Single Phase Rectifier Bridge, 2 A
17-Jun-08
VS-2KBP VISHAY-VS-2KBP Datasheet
117Kb / 5P
Single Phase Bridge Rectifier, 2 A
22-Dec-16
VS-1KAB-E VISHAY-VS-1KAB-E_V01 Datasheet
112Kb / 5P
Single Phase Rectifier Bridge, 1.2 A
14-Sep-17
VS-2KBP VISHAY-VS-2KBP_V01 Datasheet
116Kb / 5P
Single Phase Bridge Rectifier, 2 A
25-Oct-17
VS-KBPC8 VISHAY-VS-KBPC8_V01 Datasheet
119Kb / 4P
Single Phase Rectifier Bridge, 8 A
18-May-2018
VS-2KBP VISHAY-VS-2KBP_V02 Datasheet
116Kb / 5P
Single Phase Bridge Rectifier, 2 A
25-Oct-17
VS-KBPC8 VISHAY-VS-KBPC8_V02 Datasheet
118Kb / 4P
Single Phase Rectifier Bridge, 8 A
18-May-2018
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com