Electronic Components Datasheet Search
  English  ▼

X  

MBR150 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MBR150
Description  Schottky Rectifier, 1 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR150 Datasheet(HTML) 5 Page - Vishay Siliconix

  MBR150 Datasheet HTML 1Page - Vishay Siliconix MBR150 Datasheet HTML 2Page - Vishay Siliconix MBR150 Datasheet HTML 3Page - Vishay Siliconix MBR150 Datasheet HTML 4Page - Vishay Siliconix MBR150 Datasheet HTML 5Page - Vishay Siliconix MBR150 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 29-Aug-11
1
Document Number: 95241
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Axial DO-204AL (DO-41)
DIMENSIONS in millimeters (inches)
2.70 (0.106)
2.29 (0.090)
DIA.
2.70 (0.106)
2.29 (0.090)
DIA.
0.86 (0.034)
0.72 (0.028)
(2 places)
27.0 (1.06) MIN.
(2 places)
5.21 (0.205)
MAX.
5.21 (0.205)
MAX.
27.0 (1.06) MIN.
(2 places)
1.27 (0.050) MAX.
Flash (2 places)
DIA.
0.86 (0.034)
0.72 (0.028)
(2 places)
DIA.
Cathode band



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com