Electronic Components Datasheet Search
  English  ▼

X  

2SC4061K Datasheet(PDF) 1 Page - Rohm

Part # 2SC4061K
Description  Chroma amplifier transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC4061K Datasheet(HTML) 1 Page - Rohm

  2SC4061K Datasheet HTML 1Page - Rohm 2SC4061K Datasheet HTML 2Page - Rohm 2SC4061K Datasheet HTML 3Page - Rohm 2SC4061K Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
○
c
2012 ROHM Co., Ltd. All rights reserved.
2012.01 - Rev.C
ROHM : SMT3
EIAJ : SC-59
(1) Emitter
(2) Base
(3) Collector
0.3Min.
2.8
1.6
Each lead has same dimensions
Chroma amplifier transistor (300V, 0.1A)
2SC4061K
Features
Dimensions (Unit : mm)
1) High breakdown voltage. (BVCEO=300V)
2) Low collector output capacitance.
(Typ. 3pF at VCB=30V)
3) Ideal for chroma circuit.
Absolute maximum ratings (Ta=25
C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Limits
300
300
5
100
150
−55 to +150
Unit
V
V
V
mA
°C
°C
W
0.2
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
Packaging specifications and hFE
Type
Package
hFE
Code
Marking
Basic ordering unit (pieces)
2SC4061K
SMT3
NP
T146
AN
∗
3000
∗ Denotes hFE
Electrical characteristics (Ta=25
C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
hFE
fT
Cob
300
300
5
−
−
−
56
50
−
−
−
−
−
−
−
−
100
3
−
−
−
0.5
0.5
2
120
−
−
V
V
V
μA
μA
V
−
MHz
pF
IC
=50
μA
IC
=100
μA
IE
=50
μA
VCB
=200V
VEB=4V
IC/IB
=50mA/5mA
VCE/IC
=10V/10mA
VCE
=30V, IE=
−10mA, f=30MHz
VCB
=30V, IE=0A, f=1MHz
−−
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Gain bandwidth product
Collector output capacitance


Similar Part No. - 2SC4061K

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4061K ROHM-2SC4061K Datasheet
78Kb / 4P
Chroma Amplifier Transistor (300V, 0.1A)
2SC4061K ROHM-2SC4061K Datasheet
61Kb / 1P
Chroma Amplifier Transistor
logo
Guangdong Kexin Industr...
2SC4061K KEXIN-2SC4061K Datasheet
36Kb / 1P
Chroma amplifier transistor
logo
Rohm
2SC4061K ROHM-2SC4061K Datasheet
169Kb / 4P
Chroma amplifier transistor (300V, 0.1A)
2SC4061K ROHM-2SC4061K Datasheet
100Kb / 4P
Chroma amplifier transistor (300V, 0.1A)
More results

Similar Description - 2SC4061K

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE791 NTE-NTE791 Datasheet
25Kb / 3P
Integrated Circuit TV Chroma Amplifier Demodulator
logo
Toshiba Semiconductor
TA8750AN TOSHIBA-TA8750AN Datasheet
842Kb / 19P
SECAM CHROMA PRCESSOR
logo
KEC(Korea Electronics)
KTC3208 KEC-KTC3208 Datasheet
367Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR (COLOR TV CHROMA OUTPUT)
KTC3229 KEC-KTC3229 Datasheet
234Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR(COLOR TV CHROMA OUTPUT)
logo
Rohm
2SC3415S ROHM-2SC3415S Datasheet
63Kb / 2P
Chroma amplifier transistor
2SC4061K ROHM-2SC4061K Datasheet
78Kb / 4P
Chroma Amplifier Transistor (300V, 0.1A)
2SC3271F ROHM-2SC3271F Datasheet
61Kb / 1P
Chroma Amplifier Transistor
logo
Guangdong Kexin Industr...
2SC4061K KEXIN-2SC4061K Datasheet
36Kb / 1P
Chroma amplifier transistor
logo
Rohm
2SC4061K ROHM-2SC4061K_09 Datasheet
169Kb / 4P
Chroma amplifier transistor (300V, 0.1A)
2SC4061KT146N ROHM-2SC4061KT146N Datasheet
100Kb / 4P
Chroma amplifier transistor (300V, 0.1A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com