Electronic Components Datasheet Search
  English  ▼

X  

BSM35GD120D2 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # BSM35GD120D2
Description  IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSM35GD120D2 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  BSM35GD120D2 Datasheet HTML 1Page - Siemens Semiconductor Group BSM35GD120D2 Datasheet HTML 2Page - Siemens Semiconductor Group BSM35GD120D2 Datasheet HTML 3Page - Siemens Semiconductor Group BSM35GD120D2 Datasheet HTML 4Page - Siemens Semiconductor Group BSM35GD120D2 Datasheet HTML 5Page - Siemens Semiconductor Group BSM35GD120D2 Datasheet HTML 6Page - Siemens Semiconductor Group BSM35GD120D2 Datasheet HTML 7Page - Siemens Semiconductor Group BSM35GD120D2 Datasheet HTML 8Page - Siemens Semiconductor Group BSM35GD120D2 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Semiconductor Group
7
Feb-10-1997
BSM 35 GD 120 D2
Typ. switching time
I = f (IC) , inductive load , Tj = 125°C
par.:
VCE = 600 V, VGE = ± 15 V, RG = 39 Ω
0
10
20
30
40
50
60
A
80
I
C
1
10
2
10
3
10
ns
t
tdon
tr
tdoff
tf
Typ. switching time
t = f (RG) , inductive load , Tj = 125°C
par.:
VCE = 600 V, VGE = ± 15 V, IC = 35 A
0
20
40
60
80
100 120 140
Ω 180
R
G
1
10
2
10
3
10
ns
t
tdon
tr
tdoff
tf
Typ. switching losses
E = f (IC) , inductive load , Tj = 125°C
par.:
VCE = 600 V, VGE = ± 15 V, RG = 39 Ω
0
10
20
30
40
50
60
A
80
I
C
0
2
4
6
8
10
12
14
16
mWs
20
E
Eon
Eoff
Typ. switching losses
E = f (RG) , inductive load , Tj = 125°C
par.:
VCE = 600V, VGE = ± 15 V, IC = 35 A
0
20
40
60
80
100 120 140
Ω 180
R
G
0
2
4
6
8
10
12
14
16
mWs
20
E
Eon
Eoff



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com