Electronic Components Datasheet Search
  English  ▼

X  

MBR360TR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBR360TR
Description  Schottky Rectifier, 3 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR360TR Datasheet(HTML) 2 Page - Vishay Siliconix

  MBR360TR Datasheet HTML 1Page - Vishay Siliconix MBR360TR Datasheet HTML 2Page - Vishay Siliconix MBR360TR Datasheet HTML 3Page - Vishay Siliconix MBR360TR Datasheet HTML 4Page - Vishay Siliconix MBR360TR Datasheet HTML 5Page - Vishay Siliconix MBR360TR Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VS-MBR350, VS-MBR350-M3, VS-MBR360, VS-MBR360-M3
www.vishay.com
Vishay Semiconductors
Revision: 13-Oct-11
2
Document Number: 93450
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
Notes
(1)
thermal runaway condition for a diode on its own heatsink
(2) Mounted 1" square PCB, thermal probe connected to lead 2 mm from package
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
See fig. 1
VFM (1)
1.0 A
TJ = 25 °C
0.58
V
3.0 A
0.73
9.4 A
1.06
1.0 A
TJ = 125 °C
0.49
3.0 A
0.64
9.4 A
0.89
Maximum reverse leakage current
See fig. 2
IRM (1)
TJ = 25 °C
VR = Rated VR
0.6
mA
TJ = 100 °C
8
TJ = 125 °C
15
Typical junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 °C
190
pF
Typical series inductance
LS
Measured lead to lead 5 mm from package body
9.0
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/µs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ (1), TStg
- 40 to 150
°C
Maximum thermal resistance,
junction to lead
RthJL (2)
DC operation
See fig. 4
30
°C/W
Approximate weight
1.2
g
0.042
oz.
Marking device
Case style C-16
MBR350
MBR360
dP
tot
dT
J
-------------
1
R
thJA
--------------
<



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com