Electronic Components Datasheet Search
  English  ▼

X  

BA3472 Datasheet(PDF) 2 Page - Rohm

Part # BA3472
Description  High Speed with High Voltage Operational Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3472 Datasheet(HTML) 2 Page - Rohm

  BA3472 Datasheet HTML 1Page - Rohm BA3472 Datasheet HTML 2Page - Rohm BA3472 Datasheet HTML 3Page - Rohm BA3472 Datasheet HTML 4Page - Rohm BA3472 Datasheet HTML 5Page - Rohm BA3472 Datasheet HTML 6Page - Rohm BA3472 Datasheet HTML 7Page - Rohm BA3472 Datasheet HTML 8Page - Rohm BA3472 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200100-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
2/39
27.FEB.2012 Rev.001
TSZ22111・15・001
BA3472, BA3472R, BA3474, BA3474R
●Pin Configuration(TOP VIEW)
●Ordering Information
B
A
3
4
7
x
F
x
x
-
x x
Part Number
Package
F
: SOP8
SOP14
FV : SSOP-B8
SSOP-B14
FVM: MSOP8
Packaging and forming specification
E2: Embossed tape and reel
(SOP8/SOP14/SSOP-B8/SSOP-B14)
TR: Embossed tape and reel
(MSOP8)
●Lineup
Topr
Supply
Current
(Typ.)
Slew Rate
(Typ.)
Package
Orderable
Part Number
-40°C to +75°C
8.0mA
10.0V/µs
SOP14
Reel of 2500
BA3474F-E2
-40°C to +85°C
4.0mA
SOP8
Reel of 2500
BA3472F-E2
SSOP-B8
Reel of 2500
BA3472FV-E2
MSOP8
Reel of 3000
BA3472FVM-TR
8.0mA
SSOP-B14
Reel of 2500
BA3474FV-E2
-40°C to +105°C
4.0mA
MSOP8
Reel of 3000
BA3472RFVM-TR
8.0mA
SSOP-B14
Reel of 2500
BA3474RFV-E2
SOP8
SSOP-B8
MSOP8
SOP14
SSOP-B14
BA3472F
BA3472FV
BA3472FVM
BA3472RFVM
BA3474F
BA3474FV
BA3474RFV
45
36
27
18
CH1
- +
CH2
+ -
OUT1
-IN1
+IN1
VEE
OUT2
-IN2
+IN2
VCC
78
69
5
10
4
11
312
213
1
14
CH4
+ -
CH1
- +
OUT1
-IN1
+IN1
VCC
OUT3
+IN3
-IN3
VEE
CH2
- +
+ -
CH3
OUT4
-IN4
+IN4
OUT2
+IN2
-IN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com