Electronic Components Datasheet Search
  English  ▼

X  

MBR2035CTPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBR2035CTPBF
Description  Schottky Rectifier, 2 x 10 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR2035CTPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  MBR2035CTPBF Datasheet HTML 1Page - Vishay Siliconix MBR2035CTPBF Datasheet HTML 2Page - Vishay Siliconix MBR2035CTPBF Datasheet HTML 3Page - Vishay Siliconix MBR2035CTPBF Datasheet HTML 4Page - Vishay Siliconix MBR2035CTPBF Datasheet HTML 5Page - Vishay Siliconix MBR2035CTPBF Datasheet HTML 6Page - Vishay Siliconix MBR2035CTPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VS-MBR20...CTPbF Series, VS-MBR20...CT-N3 Series
www.vishay.com
Vishay Semiconductors
Revision: 29-Aug-11
2
Document Number: 94288
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
VFM (1)
20 A
TJ = 25 °C
0.84
V
10 A
TJ = 125 °C
0.57
20 A
0.72
Maximum instantaneous reverse current
IRM (1)
TJ = 25 °C
Rated DC voltage
0.1
mA
TJ = 125 °C
15
Threshold voltage
VF(TO)
TJ = TJ maximum
0.354
V
Forward slope resistance
rt
17.6
m
Maximum junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 °C
600
pF
Typical series inductance
LS
Measured from top of terminal to mounting plane
8.0
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/µs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction temperature range
TJ
- 65 to 150
°C
Maximum storage temperature range
TStg
- 65 to 175
Maximum thermal resistance,
junction to case per leg
RthJC
DC operation
2.0
°C/W
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
(only for TO-220)
0.50
Approximate weight
2g
0.07
oz.
Mounting torque
minimum
Non-lubricated threads
6 (5)
kgf · cm
(lbf
·in)
maximum
12 (10)
Marking device
Case style TO-220AB
MBR2035CT
MBR2045CT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com