Electronic Components Datasheet Search
  English  ▼

X  

KIA6282K Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # KIA6282K
Description  4.6W DUAL AUDIO POWER AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

KIA6282K Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  KIA6282K Datasheet HTML 1Page - Tiger Electronic Co.,Ltd KIA6282K Datasheet HTML 2Page - Tiger Electronic Co.,Ltd KIA6282K Datasheet HTML 3Page - Tiger Electronic Co.,Ltd KIA6282K Datasheet HTML 4Page - Tiger Electronic Co.,Ltd KIA6282K Datasheet HTML 5Page - Tiger Electronic Co.,Ltd KIA6282K Datasheet HTML 6Page - Tiger Electronic Co.,Ltd KIA6282K Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
D6282
TYPICAL DC VO LTAGE OF EACH TERMINAL (Vcc=9V,Ta =25 ° C)
TERMINAL NO.
1
2
3
4
5
6
7
8
9
10
11
12
DC VOLTAGE (V)
8.2
4.5
Vcc
8 .9 0.6 0 .01 0 .01 0 .6 GND 4.5
8.2 Vcc
*3 pin is connected to Vcc
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified , Vcc=9V,f=1kHz, Rg=600 Ω , R L =4 Ω ,Ta=25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN. TYP. MAX. UNIT
Quiescent Current
ICCQ
V IN =0
-
19
45
mA
Pout(1)
THD=10%
2.0
2.5
-
Output Power
Pout(2)
THD=10%,Vcc=12V
-
4.6
-
W
To tal Harmonic
Distortion
THD
Pout=1W/CH
-
0.25
1.0
%
Gv(1)
Rf=82 Ω ,Vout=0dBm
43
45
47
Vo ltage Gain
Gv(2)
Rf=0, Vout=0dBm
-
56
-
dB
Input Resistance
R IN
-
-
30
-
k Ω
Output Noise Vo ltage
V NO
Rg=10k Ω ,
BW=20Hz~20kHZ
-
0.3
1.0
mVrms
Ripple Rejection
Ratio
R.R
Rg=600 Ω ,
V RI P =0.2Vr ms
f RI P =100Hz
-
54
-
dB
Cross Ta lk
C.T
Rg=600 Ω .Amp 1 ↔ 2
Vout=0dBm,f=1kHz
-
45
-
dB
Input Offset Vo ltage
V6,V7
-
-
20
60
mV



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com