Electronic Components Datasheet Search
  English  ▼

X  

KSC5027 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # KSC5027
Description  High Voltage and High Reliability
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

KSC5027 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  KSC5027 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
l
Value
Unit
Collector-Base Voltage
V
CBO
1100
V
Collector-Emitter Voltage
V
CEO
800
V
Emitter-Base Voltage
V
EBO
7.0
V
Collector Current
I
C
3.0
A
Base Current
I
B
1.5
A
Total Dissipation at
P
tot
50
W
Max. Operating Junction Temperature
T
j
150
oC
Storage Temperature
T
stg
-55~150
oC
KSC5027
DESCRIPTION
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Collector Cut-off Current
I
CBO
V
CE=800V, IE=0
—
—
10
uA
Emitter Cut-off Current
I
EBO
V
EB=5V, IC=0
—
—
10
uA
Collector-Emitter Sustaining Voltage
V
CEO
I
C=10mA, IB=0
800
—
—
V
DC Current Gain
h
FE(1)
V
CE=5V, IC=0.2A
10
—
40
h
FE(2)
V
CE=5V, IC=1.0A
8
—
—
Collector-Emitter Saturation Voltage
V
CE(sat)
I
C=1.5A,IB=0.3A
—
—
2.0
V
Base-Emitter Saturation Voltage
V
BE(sat)
I
C=1.5A,IB=0.3A
—
—
1.5
V
Current Gain Bandwidth Product
f
T
V
CE=10V, IC=0.2A
—
15
—
MHz
Output Capacitance
C
ob
V
CB=10V,IE=0,f=1.0MHz
—
60
—
pF
Turn Off Time
t
S
I
C=5IB1=-2.5IB2=2.0A,
—
—
3.0
us
High Voltage and High Reliability
Product specification
■
NPN Silicon Transistor
■
High Speed Switching
■
Wide SOA
Electrical Characteristics ( Ta = 25
℃ )
Absolute Maximum Ratings ( Ta = 25
℃ )
TO-220
h
FE Classification
Classification
N
R
O
h
FE1
10 ~ 20
15 ~ 30
20 ~ 40
TIGER ELECTRONIC CO.,LTD


Similar Part No. - KSC5027

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5027 FAIRCHILD-KSC5027 Datasheet
52Kb / 5P
High Voltage and High Reliability
logo
Savantic, Inc.
KSC5027 SAVANTIC-KSC5027 Datasheet
127Kb / 4P
Silicon NPN Power Transistors
KSC5027 SAVANTIC-KSC5027 Datasheet
128Kb / 4P
Silicon NPN Power Transistors
logo
Fairchild Semiconductor
KSC5027 FAIRCHILD-KSC5027 Datasheet
59Kb / 5P
High Voltage and High Reliability
logo
Foshan Blue Rocket Elec...
KSC5027 FOSHAN-KSC5027 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-220 Plastic Package.
More results

Similar Description - KSC5027

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5030F FAIRCHILD-KSC5030F Datasheet
64Kb / 5P
High Voltage and High Reliability
KSC5321 FAIRCHILD-KSC5321 Datasheet
55Kb / 6P
High Voltage and High Reliability
KSC5367 FAIRCHILD-KSC5367 Datasheet
56Kb / 6P
High Voltage and High Reliability
KSC5367F FAIRCHILD-KSC5367F Datasheet
62Kb / 6P
High Voltage and High Reliability
FJPF5021 FAIRCHILD-FJPF5021 Datasheet
57Kb / 5P
High Voltage and High Reliability
FJP5027 FAIRCHILD-FJP5027 Datasheet
59Kb / 5P
High Voltage and High Reliability
logo
SemiHow Co.,Ltd.
KSH5027AF SEMIHOW-KSH5027AF Datasheet
337Kb / 5P
High Voltage and High Reliability
logo
Unisonic Technologies
2SC5027 UTC-2SC5027_10 Datasheet
55Kb / 4P
HIGH VOLTAGE AND HIGH RELIABILITY
logo
Fairchild Semiconductor
FFPF30U60STTU FAIRCHILD-FFPF30U60STTU Datasheet
78Kb / 4P
High voltage and high reliability
FFPF05U60STTU FAIRCHILD-FFPF05U60STTU Datasheet
78Kb / 4P
High voltage and high reliability
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com