Electronic Components Datasheet Search
  English  ▼

X  

KTC3198 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # KTC3198
Description  TO-92 Plastic-Encapsulate Transistors (NPN)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

KTC3198 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  KTC3198 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A,Dec,2010
TO – 92
1.EMITTER
2.COLLECTOR
3.BASE
TO-92 Plastic-Encapsulate Transistors
KTC3198
TRANSISTOR (NPN)
FEATURES
General Purpose Switching Application
Complementary to KTA1266.
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 0.1mA ,IE=0
60
V
Collector-emitter breakdown voltage
V(BR) CEO
IC=5mA,IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=0.1mA,IC=0
5
V
Collector cut-off current
ICBO
VCB=60V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
μA
hFE(1)
VCE=6V, IC=2mA
70
700
DC current gain
hFE(2)
VCE=6V, IC=150mA
25
Collector-emitter saturation voltage
VCE(sat)
IC=100mA,IB=10mA
0.25
V
Base-emitter saturation voltage
VBE(sat)
IC=100mA,IB=10mA
1
V
Transition frequency
fT
VCE=10V,IC=1mA
80
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
3.5
pF
CLASSIFICATION OF hFE(1)
RANK
O
Y
GR
BL
RANGE
70-140
120-240
200-400
300-700
Symbo
Parameter
Value
Unit
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
0.15
A
PC
Collector Power Dissipation
0.625
W
RθJA
Thermal Resistance From Junction To Ambient
200
℃/W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~+150
℃
TIGER ELECTRONIC CO.,LTD


Similar Part No. - KTC3198

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3198 KEC-KTC3198 Datasheet
544Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
SeCoS Halbleitertechnol...
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
logo
Foshan Blue Rocket Elec...
KTC3198 FOSHAN-KTC3198 Datasheet
1,004Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
logo
Jiangsu Changjiang Elec...
KTC3198 JIANGSU-KTC3198 Datasheet
201Kb / 5P
TO-92 Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
KTC3198 KEXIN-KTC3198 Datasheet
1Mb / 3P
NPN Transistors
More results

Similar Description - KTC3198

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
2N2222A TGS-2N2222A Datasheet
141Kb / 2P
TO-92 Plastic-Encapsulate Transistors (NPN)
2SC945 TGS-2SC945 Datasheet
200Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
2SC1674 TGS-2SC1674 Datasheet
243Kb / 2P
TO-92 Plastic-Encapsulate Transistors (NPN)
2SC2120 TGS-2SC2120 Datasheet
242Kb / 2P
TO-92 Plastic-Encapsulate Transistors (NPN)
BC337 TGS-BC337 Datasheet
241Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
BC546 TGS-BC546 Datasheet
304Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
KTC3202 TGS-KTC3202 Datasheet
300Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
KTC3203 TGS-KTC3203 Datasheet
305Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
MJE13001 TGS-MJE13001 Datasheet
180Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
SS8050 TGS-SS8050 Datasheet
289Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com