Electronic Components Datasheet Search
  English  ▼

X  

KTC3203 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # KTC3203
Description  TO-92 Plastic-Encapsulate Transistors (NPN)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

KTC3203 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  KTC3203 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-92 Plastic-Encapsulate Transistors
KTC3203
TRANSISTOR (NPN)
FEATURES
Complementary to KTA1271
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
35
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
800
mA
PC
Collector Power Dissipation
625
mW
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
M
in
T
yp
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC = 0.1mA, IB=0
35
V
Collector-emitter breakdown voltage
V(BR)CEO
IC = 10mA, IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 0.1mA, IC=0
5
V
Collector cut-off current
ICBO
VCB= 35V , IE=0
0.1
μA
Collector cut-off current
ICEO
VCE= 25V , IB=0
0.2
μA
Emitter cut-off current
IEBO
VEB= 5V, IC=0
0.1
μA
hFE(1)
VCE=1V, IC= 100mA
100
320
DC current gain
hFE(2)
VCE=1V, IC= 700mA
35
Collector-emitter saturation voltage
VCE(sat)
IC= 500 mA, IB= 20mA
0.5
V
Base-emitter voltage
VBE
VCE= 1V, IC= 10mA
0.8
V
Transition frequency
f T
VCE= 5 V, IC= 10mA
120
MHz
Collector Output Capacitance
Cob
VCB=10V,IE= 0,f=1MHz
13
pF
CLASSIFICATION OF hFE(1)
Rank
O
Y
Range
100-200
160-320
TO-92
1. EMITTER
2. COLLECTOR
3. BASE
A,June,2011
TIGER ELECTRONIC CO.,LTD


Similar Part No. - KTC3203

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3203 KEC-KTC3203 Datasheet
277Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT)
logo
SHENZHEN YONGERJIA INDU...
KTC3203 WINNERJOIN-KTC3203 Datasheet
126Kb / 1P
TRANSISTOR (NPN)
logo
SeCoS Halbleitertechnol...
KTC3203 SECOS-KTC3203 Datasheet
66Kb / 1P
NPN Plastic-Encapsulated Transistor
logo
Foshan Blue Rocket Elec...
KTC3203 FOSHAN-KTC3203 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
logo
Jiangsu Changjiang Elec...
KTC3203 JIANGSU-KTC3203 Datasheet
205Kb / 5P
TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - KTC3203

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
2N2222A TGS-2N2222A Datasheet
141Kb / 2P
TO-92 Plastic-Encapsulate Transistors (NPN)
2SC945 TGS-2SC945 Datasheet
200Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
2SC1674 TGS-2SC1674 Datasheet
243Kb / 2P
TO-92 Plastic-Encapsulate Transistors (NPN)
2SC2120 TGS-2SC2120 Datasheet
242Kb / 2P
TO-92 Plastic-Encapsulate Transistors (NPN)
BC337 TGS-BC337 Datasheet
241Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
BC546 TGS-BC546 Datasheet
304Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
KTC3198 TGS-KTC3198 Datasheet
123Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
KTC3202 TGS-KTC3202 Datasheet
300Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
MJE13001 TGS-MJE13001 Datasheet
180Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
SS8050 TGS-SS8050 Datasheet
289Kb / 1P
TO-92 Plastic-Encapsulate Transistors (NPN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com