Electronic Components Datasheet Search
  English  ▼

X  

LA7806 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # LA7806
Description  B/W TV Synchronization, Deflection Circuit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LA7806 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  LA7806 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LA7806 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LA7806 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SHAOXING SILICORE TECHNOLOGY CO.,LTD
www. Silicore. com. cn
CHMC
2/3
ELECTRICAL CHARACTERISTICS (Ta=25°C)
Characteristics
Sy mbol
Te st Conditions
Min
Ty p
Max
Unit
Vcc12 current drain
Icc12
10.0
13.0
19.0
mA
Vcc15 current drain
Icc15
6.0
8.0
11 . 0
mA
Ve rtical frequency pull-in range
9.0
10.0
11 . 0
H z
Ve rtical free-running frequency
fV
f V center 55Hz
50
55.0
60
Hz
Supply voltage dependence
of vertical frequency
V 12 =12 ± 1V
55Hz at 12V
-0.5
+0.5
Hz
Te mp erature characteris tic of
vertical frequency
Ta =-10 to +60 ℃
-0.028
+0.028
Hz/ ℃
Ve rtical driver amplification
factor
4.0
7.0
times
Horizontal free-running
frequency
fH
f H center
15.750kHz
-750
+750
Hz
Supply voltage dependence
of horizontal frequency
V 15 =12 ± 1V
15.750kHz at 12V
-50
+50
Hz
Te mp erature
characteris tic
of
horizontal frequency
Ta =-10 to +60 ℃
-3.4
+3.4
Hz/ ℃
Horizontal output pulse width
f H =15.750kHz
21.5
24.0
26.5
µs
Horizontal output driver current
4.2
6.0
7.8
mA
POWER DISSIPATION CURVE
LA7806



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com