Electronic Components Datasheet Search
  English  ▼

X  

LM78L08F Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # LM78L08F
Description  SOT-89 Encapsulate Three Terminal Voltage Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM78L08F Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  LM78L08F Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM78L08F Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2
C0
0.1μF
SOT-89 Encapsulate Three Terminal Voltage Regulator
LM78L08F Three-terminal positive voltage regulator
FEATURES
Maximum Output current
IOM:
0.1
A
Output voltage
Vo:
8
V
Continuous total dissipation
PD:
0. 5W
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified)
Parameter
Symbol
Value
Units
Input Voltage
Vl
30
V
Operating Junction Temperature Range
TOPR
0~+125
℃
Storage Temperature Range
TSTG
-55~+150
℃
ELECTRICAL CHARACTERISTICS (Vi=14V, Io=40mA,Ci=0.33μF,Co=0.1μF, unless otherwise specified )
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
25
℃
7.7
8.0
8.3
V
10.5V≤V l≤23V, Io=1mA~40mA
7.6
8.0
8.4
V
Output voltage
Vo
Io=1mA~70mA
0-125
℃
7.6
8.0
8.4
V
Io=1mA~100mA
25
℃
18
80
mV
Load Regulation
ΔVo
Io=1mA~40mA
25
℃
10
40
mV
10.5V≤V l≤23V
25
℃
42
175
mV
Line regulation
ΔVo
11V≤V l≤23V
25
℃
36
125
mV
Quiescent Current
Iq
25
℃
4
6
mA
ΔIq
11V≤V l≤23V
0-125
℃
1.5
mA
Quiescent Current Change
ΔIq
1mA≤I O≤40mA
0-125
℃
0.1
mA
Output Noise Voltage
VN
10Hz≤f≤100KHz
25
℃
54
uV
Ripple Rejection
RR
13V≤V l≤23V,f=120Hz
0-125
℃
37
46
dB
Dropout Voltage
Vd
25
℃
1.7
V
TYPICAL APPLICATION
Vi
3
1
Vo
UTC
Ci
0.33μF
Note: Bypass capacitors are recommended for optimum stability and transient response and should be located as close as
possible to the regulators.
SOT-89
1. OUT
2. GND
3. IN
1
2
3
LM78L08F
1
3
2
TIGER ELECTRONIC CO.,LTD


Similar Part No. - LM78L08F

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM78L08F HTC-LM78L08F Datasheet
280Kb / 13P
FIXED VOLTAGE REGULATOR
LM78L08F HTC-LM78L08F Datasheet
252Kb / 11P
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
LM78L08F HTC-LM78L08F Datasheet
208Kb / 11P
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - LM78L08F

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
LM78L05F TGS-LM78L05F Datasheet
245Kb / 2P
SOT-89 Encapsulate Three Terminal Voltage Regulator
LM79L05F TGS-LM79L05F Datasheet
192Kb / 1P
SOT-89 Encapsulate Three Terminal Voltage Regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78L06-SOT-89 WINNERJOIN-WEJ78L06-SOT-89 Datasheet
154Kb / 2P
SOT-89 Encapsulate Three Terminal Voltage Regulator
logo
ZP Semiconductor
CJ78L05M ZPSEMI-CJ78L05M Datasheet
1Mb / 2P
SOT-89-3L Encapsulate Three Terminal Voltage Regulators
CJ78L08-3L ZPSEMI-CJ78L08-3L Datasheet
481Kb / 1P
SOT-89-3L Encapsulate Three-terminal Voltage Regulators
CJ78L09-SOT89-3L ZPSEMI-CJ78L09-SOT89-3L Datasheet
444Kb / 1P
SOT-89-3L Encapsulate Three Terminal Voltage Regulators
CJ78L12-SOT89-3L ZPSEMI-CJ78L12-SOT89-3L Datasheet
792Kb / 2P
SOT-89-3L Encapsulate Three Terminal Voltage Regulator
CJ78L18-SOT89-3L ZPSEMI-CJ78L18-SOT89-3L Datasheet
387Kb / 1P
SOT-89-3L Encapsulate Three-terminal Voltage Regulators
logo
Jiangsu High diode Semi...
HD75L05-SOT-89-3L HDSEMI-HD75L05-SOT-89-3L Datasheet
3Mb / 4P
SOT-89-3L Encapsulate Three-terminal Voltage Regulator
logo
Shenzhen Tuofeng Semico...
78L05 TUOFENG-78L05_V01 Datasheet
960Kb / 3P
SOT-89 Encapsulate Three Terminal Voltage Regulator
Jan,2019 V1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com