Electronic Components Datasheet Search
  English  ▼

X  

LM79L09 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # LM79L09
Description  TO-92 Encapsulate Three-terminal voltage regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM79L09 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  LM79L09 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM79L09 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
C0
0.1μF
TO-92 Encapsulate Three-terminal voltage regulator
LM79L09 Three-terminal negative voltage regulator
FEATURES
Maximum Output current
IOM:
0.1 A
Output voltage
VO:
- 9 V
Continuous total dissipation
PD: 0.625W
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified)
Parameter
Symbol
Value
Units
Input Voltage
Vl
-30
V
Operating Junction Temperature Range
TOPR
0─+125
℃
Storage Temperature Range
TSTG
-55─+150
℃
ELECTRICAL CHARACTERISTICS
(Vi=-16V,Io=40mA,Ci=0.33μF,Co=0.1μF, unless otherwise specified )
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
25
℃
-8.64
-9.0
-9.36
V
-12V≤V l≤-24V, Io=1mA-40mA
-8.55
-9.0
-9.45
V
Output voltage
Vo
Io=1mA-70mA
0-125
℃
-8.55
-9.0
-9.45
V
Io=1mA-100mA
25
℃
19
90
mV
Load Regulation
△Vo
Io=1mA-40mA
25
℃
11
40
mV
-12 V≤Vl≤-24V
25
℃
45
175
mV
Line regulation
△Vo
-13V≤Vl≤-24V
25
℃
40
125
mV
Quiescent Current
Iq
25
℃
4.1
6.0
mA
△Iq
-13V≤V l≤-24V
0-125
℃
1.5
mA
Quiescent Current Change
△Iq
1mA≤V l≤40mA
0-125
℃
0.1
mA
Output Noise Voltage
VN
10Hz≤f≤100KHz
25
℃
58
uV
Ripple Rejection
RR
-15V≤Vl≤-24V,f=120Hz
0-125
℃
45
dB
Dropout Voltage
Vd
25
℃
1.7
V
TYPICAL APPLICATION
Vi
2
3
Vo
UTC
Ci
0.33μF
Note: Bypass capacitors are recommended for optimum stability and transient response and should be located as close as
possible to the regulators
1 2 3
TO-92
1.GND
2.IN
3.OUT
LM79L09
TIGER ELECTRONIC CO.,LTD


Similar Part No. - LM79L09

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM79L09 HTC-LM79L09 Datasheet
235Kb / 10P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Guangdong Kexin Industr...
LM79L09 KEXIN-LM79L09 Datasheet
63Kb / 1P
Three-terminal Voltage Regulator
logo
Shenzhen Jin Yu Semicon...
LM79L09 HTSEMI-LM79L09 Datasheet
1,017Kb / 2P
Three-terminal negative voltage regulator
logo
First Components Intern...
LM79L09 FCI-LM79L09 Datasheet
2Mb / 7P
LM79L00 Series 3-Terminal Negative Output Voltage Regulators
logo
HTC Korea TAEJIN Techno...
LM79L09F HTC-LM79L09F Datasheet
235Kb / 10P
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
More results

Similar Description - LM79L09

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
LM78L05 TGS-LM78L05 Datasheet
433Kb / 2P
TO-92 Encapsulate Three-terminal Voltage Regulator
LM78L06 TGS-LM78L06 Datasheet
309Kb / 2P
TO-92 Encapsulate Three-terminal Voltage Regulator
LM78L08 TGS-LM78L08 Datasheet
347Kb / 2P
TO-92 Encapsulate Three-terminal Voltage Regulator
LM78L09 TGS-LM78L09 Datasheet
283Kb / 2P
TO-92 Encapsulate Three Terminal Voltage Regulator
LM78L12 TGS-LM78L12 Datasheet
275Kb / 2P
TO-92 Encapsulate Three-terminal Voltage Regulator
LM78L15 TGS-LM78L15 Datasheet
286Kb / 2P
TO-92 Encapsulate Three-terminal Voltage Regulator
LM79L05 TGS-LM79L05 Datasheet
452Kb / 2P
TO-92 Encapsulate Three-terminal Voltage Regulator
LM79L12 TGS-LM79L12 Datasheet
434Kb / 2P
TO-92 Encapsulate Three-terminal voltage regulator
logo
ZP Semiconductor
CJ78L05-TO92 ZPSEMI-CJ78L05-TO92 Datasheet
859Kb / 2P
TO-92 Encapsulate Three-terminal Voltage Regulator
logo
Jiangsu High diode Semi...
78L05 HDSEMI-78L05 Datasheet
2Mb / 4P
TO-92 Encapsulate Three-terminal Voltage Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com