Electronic Components Datasheet Search
  English  ▼

X  

LM311D Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # LM311D
Description  High Performance Voltage Comparators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM311D Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  LM311D Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM311D Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LM311
SLS
High Performance Voltage Comparators
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC +
V
EE
Total Supply Voltage
36
V
VO - VEE
Output to Negative Supply Voltage
40
V
VEE
Ground to Negative Supply Voltage
30
V
VID
Input Differential Voltage
± 30
V
VIN
Input Voltage (Note)
± 15
V
-
Voltage at Strobe Pin
VCC to VCC - 5
V
PD
1/
θ
JA
Power Dissipation and Thermal Characteristics
Plastic Dual In-Line Packages
Derate above TA =+25
°C
625
5.0
mW
mW/
°C
TJ(max)
Operating Junction Temperature
+150
°C
Tstg
Storage Temperature Range
-60 to +150
°C
Note: This rating applies for
±15 volt supplies. The positive input voltage limit is 30 volts above the negative
supply. The negative input voltage limit is equal to the negative supply voltage or 30 volts below the
positive supply, whichever is less.
ORDERING INFORMATION
LM311N Plastic
LM311D SOIC
TA = -45
°C to 85°C for
all packages
LOGIC DIAGRAM
Input polarity is reversed when GND pin is used as an output.
PIN ASSIGNMENT
TIGER ELECTRONIC CO.,LTD


Similar Part No. - LM311D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM311D ONSEMI-LM311D Datasheet
174Kb / 8P
HIGH PERFORMANCE VOLTAGE COMPARATORS
1996 Rev 5
logo
NXP Semiconductors
LM311D PHILIPS-LM311D Datasheet
71Kb / 4P
Voltage comparator
August 31, 1994
logo
STMicroelectronics
LM311D STMICROELECTRONICS-LM311D Datasheet
236Kb / 14P
Voltage comparator with strobe
Sep-2006
logo
NXP Semiconductors
LM311D PHILIPS-LM311D Datasheet
86Kb / 8P
Voltage comparator
2003 Sep 30
logo
Texas Instruments
LM311D TI-LM311D Datasheet
506Kb / 25P
DIFFERENTIAL COMPARATORS WITH STROBES
More results

Similar Description - LM311D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM311 ONSEMI-LM311 Datasheet
174Kb / 8P
HIGH PERFORMANCE VOLTAGE COMPARATORS
1996 Rev 5
logo
System Logic Semiconduc...
SL311 SLS-SL311 Datasheet
20Kb / 2P
High Performance Voltage Comparators
logo
Maxim Integrated Produc...
MAX900 MAXIM-MAX900 Datasheet
162Kb / 12P
High-Speed, Low-Power Voltage Comparators
Rev. 4; 7/01
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_06 Datasheet
128Kb / 19P
Low Voltage Comparators
August, 2006 ??Rev. 8
logo
KODENSHI_AUK CORP.
KK311 KODENSHI-KK311 Datasheet
136Kb / 3P
High Performance Voltage Comparators
logo
IK Semicon Co., Ltd
IL311 IKSEMICON-IL311 Datasheet
131Kb / 3P
High Performance Voltage Comparators
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_10 Datasheet
161Kb / 17P
Low Voltage Comparators
August, 2010 ??Rev. 10
logo
IK Semicon Co., Ltd
IL311 IKSEMICON-IL311_11 Datasheet
120Kb / 3P
High Performance Voltage Comparators
logo
ON Semiconductor
NCS2200AGEVB ONSEMI-NCS2200AGEVB Datasheet
140Kb / 18P
Low Voltage Comparators
April, 2015 ??Rev. 18
logo
First Silicon Co., Ltd
FA339P FS-FA339P Datasheet
333Kb / 4P
QUAD VOLTAGE COMPARATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com