Electronic Components Datasheet Search
  English  ▼

X  

LM317L Datasheet(PDF) 5 Page - Tiger Electronic Co.,Ltd

Part # LM317L
Description  3-TERMINAL ADJUSTABLE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM317L Datasheet(HTML) 5 Page - Tiger Electronic Co.,Ltd

  LM317L Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 8Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 9Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LM317
5/14
10V application.
Althou gh t h e LM 3 17 is st able with no ou tput ca pac i tance , l ike any fee d b ack
circuit , certain va lues of e x terna l ca paci ta nce ca n caus e excessive ringing. An output
capac ita nce (Co) in t h e form of a 1.0
µF tantalum or 25µF aluminum electrolytic
capacitor on the output swamps this effect and insures stability.
4. Protection Diodes
When external capacitors are used with an y IC regulator it is some times necessary
to add protection diodes to prevent the capacitors from discharging through low
current points into the regulator. Most 10
µF capacitors have low enough internal
series resistance to deliver 20A spikes wh en shorted. Although the surge is short,
there is enough energy to dama ge parts of the IC.
When an output capacitor is connected to a regulator and the input is shorted, the
output capacitor will discharge into the output of the regulator. The discharge current
depends on the value of the capacitor, the output voltage of the regulator, and the rate
of decrease of Vin . In the LM 317, this discharge path is through a large junction that
is able to sustain a 2A surge with no probl em. This is not true of other ty pes of
positive regulators. For output capacitors of 25
µF or less, the LM317’s ballast
resistors and output structure limit the peak current to a low enough level so that there
is no need to use a protection diode.
The by pass capacitor on the adjustme nt terminal can discharge through a low
current junction. Discharge occurs when
either the input or output is shorted. Internal
to the LM 317 is a 50
Ω resistor which limits
the peak discharge current. No protection is
needed for output voltages of 25V or less and
10
µF capacitance. Figure in right shows an LM
317 with protection diodes included for
use with outputs greater than 25V and high
values of output capacitance.
Regulator with protection diodes
R1
R2
LM317L
V
ADJ
V
V
OU
T
IN
OU
T
240
V
IN
D1
IN400
D2
IN400
C1
+ C2
10u
W317L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com