Electronic Components Datasheet Search
  English  ▼

X  

LM317MDT Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # LM317MDT
Description  3-Terminal Positive Adjustable Regulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM317MDT Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  LM317MDT Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Symbol
Typ
Unit
Input-Output Voltage Differential
V
I -VO
40
V
Lead Temperature
TLEAD
230
oC
Power Dissipation
P
D
Internally
limited
W
Operating Junction Temperature R
ange
T
j
0~125
oC
Storage Temperature Range
T
STG
-65~150
oC
Temperature Coefficient of Output
Voltage
ΔVo/ΔT
±0.02
%/
oC
LM317MDT
Features
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Line Regulation (Note1)
Rline
TA = +25
oC
3V
≤V
I - VO ≤40V
-
0.01
0.04
% / V
3V
≤V
I - VO ≤40V
-
0.02
0.07
Load Regulation (Note1)
Rload
TA = +25
oC, 10mA ≤I
O ≤IMAX
V
O < 5V
V
O ≥5V
-
18
0.4
25
0.5
mV % / V
O
10mA
≤I
O ≤IMAX
V
O < 5V
V
O ≥5V
-
40
0.8
70
1.5
Adjustable Pin Current
I
ADJ
-
-
46
100
μA
Adjustable Pin Current Change
ΔI
ADJ
3V
≤V
I - VO ≤40V
10mA
≤I
O ≤IMAX PD ≤PMAX
-
2.0
5
μA
Reference Voltage
V
REF
3V
≤V
IN - VO ≤40V
10mA
≤I
O ≤IMAX
P
D ≤PMAX
1.20
1.25
1.30
V
Maximum Output Current
I
O(MAX)
V
I - VO ≤15V, PD ≤PMAX
V
I - VO ≤40V, PD ≤PMAX
1.0
2.0
0.3
-
A
Ripple Rejection
RR
V
O = 10V, f = 120Hz
without CADJ
C
ADJ = 10μF (Note2)
66
60
75
-
dB
3-Terminal Positive Adjustable Regulator
◆
Output Current In Excess of 1. 0A
◆
Output Adjustable Between 1. 2V and 37V
◆
Internal Thermal Overload Protection
◆
Internal Short Circuit Current Limiting
◆
Output Transistor Safe Operating Area Compensation
◆
TO-252 Package
Product specification
Absolute Maximum Ratings
Electrical Characteristics
( Ta = 25 C)
O
( Ta = 25 C)
O
Description
This monolithic integrated circuit is an adjustable
3-terminal positive voltage regulator designed to
supply more than 1.0A of load current with
anoutput voltage adjustable over a 1.2 to 37V.
It employs internal current limiting, thermal
shut-down and safe area compensation.
Note:
1. Load and line regulation are specified at constant junction temperature. Change in VD due to heating effects must be taken
into account separately. Pulse testing with low duty is used. (PMAX = 15W)
2. CADJ, when used, is connected between the adjustment pin and ground.
(VI - VO= 5 V, IO= 0.5 A, 0
o
≤
C
TJ ≤+ 125
oC, I
MAX = 1.5A,PDMAX = 15W, unless otherwise specified)
TO-252
1
2
3
1. Adjust
2. Vout
3. Vin
TIGER ELECTRONIC CO.,LTD


Similar Part No. - LM317MDT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317MDT NSC-LM317MDT Datasheet
645Kb / 25P
3-Terminal Adjustable Regulator
logo
ON Semiconductor
LM317MDT ONSEMI-LM317MDT Datasheet
232Kb / 16P
Three-Terminal Adjustable Output Positive Voltage Regulator
August, 2004 ??Rev. 12
logo
STMicroelectronics
LM317MDT STMICROELECTRONICS-LM317MDT Datasheet
115Kb / 11P
MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
Sep-1997
logo
Fairchild Semiconductor
LM317MDT FAIRCHILD-LM317MDT Datasheet
224Kb / 8P
3-Terminal 0.5A Positive Adjustable Regulator
logo
ON Semiconductor
LM317MDT ONSEMI-LM317MDT Datasheet
159Kb / 13P
500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
More results

Similar Description - LM317MDT

ManufacturerPart #DatasheetDescription
logo
NEC
UPC317 NEC-UPC317 Datasheet
71Kb / 6P
3-TERMINAL POSITIVE ADJUSTABLE REGULATOR
logo
Fairchild Semiconductor
KA317 FAIRCHILD-KA317 Datasheet
49Kb / 8P
3-Terminal Positive Adjustable Regulator
KA317AHV FAIRCHILD-KA317AHV Datasheet
47Kb / 6P
3-Terminal Positive Adjustable Regulator
LM317AHV FAIRCHILD-LM317AHV Datasheet
47Kb / 6P
3-Terminal Positive Adjustable Regulator
LM317 FAIRCHILD-LM317 Datasheet
578Kb / 5P
3-Terminal Positive Adjustable Regulator
KA317HV FAIRCHILD-KA317HV Datasheet
53Kb / 8P
3-Terminal Positive Adjustable Regulator
KA317 FAIRCHILD-KA317_09 Datasheet
106Kb / 6P
3-Terminal Positive Adjustable Regulator
LM317AHV FAIRCHILD-LM317AHV_09 Datasheet
132Kb / 6P
3-Terminal Positive Adjustable Regulator
logo
Tiger Electronic Co.,Lt...
LM317S TGS-LM317S Datasheet
109Kb / 1P
3-Terminal Positive Adjustable Regulator
LM317T TGS-LM317T Datasheet
76Kb / 1P
3-Terminal Positive Adjustable Regulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com