Electronic Components Datasheet Search
  English  ▼

X  

LM833D Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # LM833D
Description  Low-Noise Dual Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM833D Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  LM833D Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM833D Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM833D Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM833D Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM833D Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LM833N / D / S
3/5
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified: V+/V-=±15V, Ta=25
°C)
Characteristics
Symbol
Test conditions
Min
Typ
Max
Unit
Input Offset Vo ltage
VIO
Rs≤10kΩ
0.3
3
mV
Input Offset Current
IIO
5
200
nA
Input Bias Current
IB
150
1000
nA
Input Resistance*
RIN
50
300
kΩ
Larg e Signal Vo ltage Gain
AV
RL≥2 kΩ,Vo=±10V
90
120
dB
Maximu m
Output
Voltage
Swing
VOM
RL≥2 kΩ
±12
±13.5
V
Input Common Mode Voltage
Range
VICM
±12
±13.5
V
Common
Mode
Rejection
Ratio
CMR
Rs≤10kΩ
80
110
dB
Supply
Voltage
Rejection
Ratio
SVR
Rs≤10kΩ
80
120
dB
Sle w Ra te
SR
RL≤2 kΩ
6
V/µs
Gain Bandwidth Product 1
GB1
f=10kHz
27
MHz
Gain Bandwidth Product 2
GB2
f=100kHz
19
MHz
Unity Gain Bandwidth
fT
AV=1
5.5
MHz
To tal Harmonic Distortion
THD
AV=20dB,Vo=5V,
RL=2kΩ,f=1kHz
0.001
%
Equivalent
Input
Noise
Vo ltage 1
VNI1
Rs=300 Ω
0.44
0.56
µV
Operating Current
Icc
5.0
8.0
mA
* Oscillation might be caused when capacitor type load were connected. It is
recommendable to insert series resistor ( about 50Ω ) at the output for preventing
oscillation.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com