Electronic Components Datasheet Search
  English  ▼

X  

LM2576BM Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # LM2576BM
Description  3A Step-Down Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM2576BM Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  LM2576BM Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM2576BM Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM2576BM Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM2576BM Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM2576BM Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM2576BM Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM2576BM Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM2576BM Datasheet HTML 8Page - Tiger Electronic Co.,Ltd LM2576BM Datasheet HTML 9Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LM2576BM
2/9
CONNECTION DI AGRAMS
ESOP-8L
ORDERING INFORMATIO N
Ordering
Output Voltage
Package
LM 2576B M - AD J
Adj.
ESOP-8L
LM 2576B M - 3 . 3
3.3V
ESOP-8L
LM 2576B M - 5 . 0
5.0V
ESOP-8L
LM 2576B M - 1 2
12V
ESOP-8L
BLOCK DIAGRAM
3.3V R2=1.7K
5V R2=3.1K
For ADJ Version R1=open, R2=0Ω
XX: Weekly
YY: Output Voltage
LM2576BM
ESOP -8L



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com