Electronic Components Datasheet Search
  English  ▼

X  

SLVU2.8 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # SLVU2.8
Description  2.8Volts ESD Protection Devices
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SLVU2.8 Datasheet(HTML) 3 Page - Micro Commercial Components

  SLVU2.8 Datasheet HTML 1Page - Micro Commercial Components SLVU2.8 Datasheet HTML 2Page - Micro Commercial Components SLVU2.8 Datasheet HTML 3Page - Micro Commercial Components SLVU2.8 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TYPICAL CHARACTERISTICS
MCC
TM
Micro Commercial Components
www.mccsemi.com
3 of
4
Revision:
A
20
11/10/10
Fig1.Non-Repetitive Peak Pulse Power vs. Pulse time
Fig2. Power Derating Curve
Fig 3.Pulse Waveform
Typical Characteristics
0.1
1
10
100
1000
0.01
0.1
1
Pulse Duration – tp (uS)
0
25
50
75
100
125
150
0
20
40
60
80
100
Ambient Temperature - TA (°C)
110
10
t - Time -μs
tf=8μs
tP =20μs(IPP /2)
Test
Waveform
Parameters
tf=8us
td=20us
0
5
10
15
20
25
30
20
40
60
80
100
110
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com