Electronic Components Datasheet Search
  English  ▼

X  

LM2903D Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # LM2903D
Description  Dual Differential Comparators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM2903D Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  LM2903D Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM2903D Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM2903D Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM2903D Datasheet HTML 4Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dual Differential Comparators
LM2903
DESCRIPTION:
Outline Drawing
The
LM2903 consists of
two independent voltage
comparators with an offset voltage specification as low as
2.0mV max.for two comparators which were designed
specifically to operation from a single power supply over a
wide range of voltages. Operate from split power supplies is
also possible,and the low power supply current drain is
independent of the magnitude of the power supply
voltage.These comparators also have a unique characteristic in
that the input common-mode voltage range includes
ground,even though operated from a single power supply
voltage.
DIP8
FEATURE:
Wide supply voltage range:single supply operation:2V to
36V
dual supply operation:±1V to ±18V
Very low supply current drain (0.8m,A) independent of
supply voltage(2.0mW/comparator at 5.0 VDC)
Low input biasing current:25nA
Low input offset current:
5.0nA; Low input offset voltage:
5.0mV
Input common-mode voltage range includes ground
SOP8
Differential input voltage range equal to the power supply voltage
Output voltage compatible with TTL,DTL,ECL,MOS and CMOS logic systems.
BLOCK DIAGRAM
PIN CONFIGURATION
TIGER ELECTRONIC CO.,LTD
LM2903N/D
LM2903N
LM2903D
1/4


Similar Part No. - LM2903D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM2903D MOTOROLA-LM2903D Datasheet
136Kb / 6P
SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
NXP Semiconductors
LM2903D PHILIPS-LM2903D Datasheet
121Kb / 6P
Low power dual voltage comparator
1995 Nov 27
logo
STMicroelectronics
LM2903D STMICROELECTRONICS-LM2903D Datasheet
628Kb / 9P
LOW POWER DUAL VOLTAGE COMPARATORS
Jun-2003
logo
Texas Instruments
LM2903D TI-LM2903D Datasheet
413Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
logo
ON Semiconductor
LM2903D ONSEMI-LM2903D Datasheet
115Kb / 10P
Low Offset Voltage Dual Comparators
October, 2004 ??Rev. 15
More results

Similar Description - LM2903D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193 TI-LM193 Datasheet
413Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
TLV1393 TI-TLV1393 Datasheet
254Kb / 16P
DUAL DIFFERENTIAL COMPARATORS
logo
Wing Shing Computer Com...
LM393 WINGS-LM393 Datasheet
79Kb / 3P
Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
DUAL DIFFERENTIAL COMPARATORS
TL393CD TI-TL393CD Datasheet
264Kb / 11P
DUAL DIFFERENTIAL COMPARATORS
LM193DRG4 TI-LM193DRG4 Datasheet
1Mb / 30P
DUAL DIFFERENTIAL COMPARATORS
NCV2903VDR2G TI-NCV2903VDR2G Datasheet
1Mb / 30P
DUAL DIFFERENTIAL COMPARATORS
LM193 TI1-LM193_16 Datasheet
887Kb / 25P
Dual Differential Comparators
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
Dual Differential Comparators
logo
Shenzhen Huazhimei Semi...
LM393 HMSEMI-LM393 Datasheet
285Kb / 4P
Dual Differential Comparators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com