Electronic Components Datasheet Search
  English  ▼

X  

LM4558D Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # LM4558D
Description  DUAL OPERATIONER AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM4558D Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  LM4558D Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM4558D Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM4558D Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM4558D Datasheet HTML 4Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DUAL OPERATIONER AMPLIFIER
LM4558N/D/S
GENERAL DESCRIPTION
Outline Drawing
Unit:mm
The
LM4558 is a dual high-gain operational
amplifier internally co mpensated and constructed on
a single silicon chip. It offers high speed, a wide
band width, and low noise. Outstanding thermal
characteristics and voltage gain band width make
these ICs ideal for use in a wide variety o f
electronic circuits.
FEAT URES
Operating Voltage (±4V ~±18V)
High Voltage Gain (100dB typ.)
High Input Resistance (5MΩ typ.)
DIP8
Package Outline DIP8、 SIP8、 SOP8
Bipolar Technology
Compatible with
LM4558
BLOCK DIAGRAM
SOP8
SIP8
TIGER ELECTRONIC CO.,LTD
LM4558N
LM4558D
LM4558S
1/4


Similar Part No. - LM4558D

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM4558D HTC-LM4558D Datasheet
104Kb / 3P
DUAL OPERATIONAL AMPLIFIERS
LM4558D HTC-LM4558D Datasheet
116Kb / 3P
DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - LM4558D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1458 FAIRCHILD-KA1458 Datasheet
69Kb / 10P
Dual Operational Amplifier
logo
Wuxi Youda electronics ...
YD4558 YOUDA-YD4558 Datasheet
80Kb / 3P
DUAL OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
A6225 UTC-A6225 Datasheet
116Kb / 5P
DUAL PRE-AMPLIFIER
logo
GTM CORPORATION
GP4558 GTM-GP4558 Datasheet
206Kb / 4P
DUAL OPERATIONAL AMPLIFIER
GPLM358 GTM-GPLM358 Datasheet
214Kb / 4P
DUAL OPERATIONAL AMPLIFIER
logo
Digitron Semiconductors
3N211 DIGITRON-3N211 Datasheet
103Kb / 2P
DUAL-GATE VHF AMPLIFIER DUAL-GATE VHF AMPLIFIER
logo
Unisonic Technologies
UM602A UTC-UM602A Datasheet
224Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
M2904 UTC-M2904_15 Datasheet
275Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
MC4556 UTC-MC4556_15 Datasheet
260Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
logo
Texas Instruments
TSM102 TI1-TSM102_15 Datasheet
1Mb / 17P
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com