Electronic Components Datasheet Search
  English  ▼

X  

BSP170 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BSP170
Description  SIPMOS Small-Signal Transistor (P channel Enhancement mode Avalanche rated)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSP170 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BSP170 Datasheet HTML 1Page - Siemens Semiconductor Group BSP170 Datasheet HTML 2Page - Siemens Semiconductor Group BSP170 Datasheet HTML 3Page - Siemens Semiconductor Group BSP170 Datasheet HTML 4Page - Siemens Semiconductor Group BSP170 Datasheet HTML 5Page - Siemens Semiconductor Group BSP170 Datasheet HTML 6Page - Siemens Semiconductor Group BSP170 Datasheet HTML 7Page - Siemens Semiconductor Group BSP170 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Semiconductor Group
2
22/05/1997
BSP 170
Maximum Ratings
Parameter
Symbol
Values
Unit
Chip or operating temperature
Tj
-55 ... + 150
°C
Storage temperature
Tstg
-55 ... + 150
Thermal resistance, chip to ambient air 1)
RthJA
≤ 70
K/W
Thermal resistance, junction-soldering point 1)
RthJS
≤ 10
IEC climatic category, DIN IEC 68-1
55 / 150 / 56
1) Transistor on epoxy pcb 40 mm x 40 mm x 1,5 mm with 6 cm2 copper area for drain connection
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Drain- source breakdown voltage
VGS = 0 V, ID = -0.25 mA, Tj = 25 °C
V(BR)DSS
-60
-
-
V
Gate threshold voltage
VGS=VDS, ID = -1 mA
VGS(th)
-2.1
-3
-4
Zero gate voltage drain current
VDS = -60 V, VGS = 0 V, Tj = 25 °C
VDS = -60 V, VGS = 0 V, Tj = 125 °C
IDSS
-
-
-10
-0.1
-100
-1
µA
Gate-source leakage current
VGS = -20 V, VDS = 0 V
IGSS
-
-10
-100
nA
Drain-Source on-state resistance
VGS = -10 V, ID = -1.7 A
RDS(on)
-
0.255
0.35
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com