Electronic Components Datasheet Search
  English  ▼

X  

MAC97A8 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # MAC97A8
Description  TO-92 Plastic-Encapsulate Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MAC97A8 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  MAC97A8 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-92 Plastic-Encapsulate Transistors
MAC97A8
TRIAC
FEATURES
VDRM:
600
V
IT RMS :
1
A
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Rated repetitive peak off-state current
IDRM
VD=VDRM
100
µA
On-state voltage
VTM
IT=1.5A
1.5
V
I
T2(+), G(+)
15
mA
II
T2(+), G(-)
15
mA
III
T2(-), G(-)
15
mA
Gate trigger current
IV
IGT
T2(-), G(+)
VD=12V
RL=100Ω
-
mA
I
T2(+), G(+)
1.5
V
II
T2(+), G(-)
1.5
V
III
T2(-), G(-)
1.5
V
Gate trigger voltage
IV
VGT
T2(-), G(+)
VD=12V
RL=100Ω
-
V
I
Holding current
II
IH
VD=24V
IG=50mA
50
mA
1 2 3
T1 G T2
TO-92
1. ANODE
2. GATE
3. ANODE
TIGER ELECTRONIC CO.,LTD


Similar Part No. - MAC97A8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MAC97A8 PHILIPS-MAC97A8 Datasheet
219Kb / 12P
Logic level triac
Rev. 01-29 March 2001
logo
ON Semiconductor
MAC97A8 ONSEMI-MAC97A8 Datasheet
84Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
September, 2005 ??Rev. 9
logo
Unisonic Technologies
MAC97A8 UTC-MAC97A8 Datasheet
130Kb / 5P
LOGIC LEVEL TRIAC
logo
Inchange Semiconductor ...
MAC97A8 ISC-MAC97A8 Datasheet
55Kb / 1P
Triacs
logo
SHENZHEN YONGERJIA INDU...
MAC97A8 WINNERJOIN-MAC97A8 Datasheet
137Kb / 1P
TRIAC
More results

Similar Description - MAC97A8

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
A92 DAYA-A92 Datasheet
211Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com